Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100017549 Datasheet (PDF) - Turck, Inc.

100017549 Datasheet PDF - Turck, Inc.
Part # 100017549
Download  100017549 Download
File Size   899.45 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Sensor – Differential Pressure: 0…1 bar

100017549 Datasheet (PDF)

Go To PDF Page Download Datasheet
100017549 Datasheet PDF - Turck, Inc.

Part # 100017549
Download  100017549 Click to download

File Size   899.45 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Sensor – Differential Pressure: 0…1 bar

100017549 Datasheet (HTML) - Turck, Inc.


100017549 Product details

Features
■4-digit, 2-colored, 12-segment display,
rotatable by 180°
■Housing is rotatable after plugging the
process connection
■Pressure range 0…1 bar diff.
■18…33 V DC
■NO/NC contact, PNP/NPN output, analog
output (current/voltage), IO-Link
■L-type
■Process connection G1/4 inch female
thread
■Connector device, M12 × 1

Functional principle
The PS325/6 differential pressure sensors
have two pressure connections with ceramic
measuring cells to detect different pressures,
from which the difference is formed. As a
result of the pressure acting on the ceramic
measuring cell, a signal that is proportional
to the pressure is generated and processed
electronically. Depending on the sensor
variant, either switching or analog signals are
available All PS325/6 variants have IO-Link.
The PS325/6 sensors operate in various
positive pressure ranges up to a differential of
250 bar. The connection with higher pressure
can be configured via the menu (High-site
switch).




Similar Part No. - 100017549

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100017541 TURCK-100017541 Datasheet
898Kb / 3P
Pressure Sensor – Differential Pressure: 0…1 bar
11/07/2023
100017542 TURCK-100017542 Datasheet
898Kb / 3P
Pressure Sensor – Differential Pressure: 0…2.5 bar
11/07/2023
100017543 TURCK-100017543 Datasheet
898Kb / 3P
Pressure Sensor – Differential Pressure: 0…10 bar
11/07/2023
More results


Similar Description - 100017549

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
PRESSURE SENSOR DIE (0-12 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
PRESSURE SENSOR DIE (0-1 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-4 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-30 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-70 BAR)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com