Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74489430010 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74489430010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74489430010_V01
Download  74489430010 Download
File Size   684.02 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TDC SMT Shielded Coupled Inductor

74489430010 Datasheet (PDF)

Go To PDF Page Download Datasheet
74489430010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74489430010_V01
Download  74489430010 Click to download

File Size   684.02 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TDC SMT Shielded Coupled Inductor

74489430010 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74489430010 Product details

General Properties:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 74489430010_V01

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74489430010 WURTH-74489430010 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8018
More results


Similar Description - 74489430010_V01

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74489440018 WURTH-74489440018 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
744894300068 WURTH-744894300068 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8018
744894400039 WURTH-744894400039 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
744894400082 WURTH-744894400082 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489440027 WURTH-74489440027 Datasheet
227Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489440068 WURTH-74489440068 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489440100 WURTH-74489440100 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489440150 WURTH-74489440150 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489440180 WURTH-74489440180 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8038
74489430068 WURTH-74489430068 Datasheet
250Kb / 3P
COUPLED INDUCTOR WE-TDC 8018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com