Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFLCT0032 Datasheet (PDF) - Tyco Electronics

MAFLCT0032 Datasheet PDF - Tyco Electronics
Part # MAFLCT0032
Download  MAFLCT0032 Download
File Size   158.61 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV Diplexer 5 - 1000 MHz

MAFLCT0032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFLCT0032 Datasheet PDF - Tyco Electronics

Part # MAFLCT0032
Download  MAFLCT0032 Click to download

File Size   158.61 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV Diplexer 5 - 1000 MHz

MAFLCT0032 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAFLCT0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
MAFLCT0027 MACOM-MAFLCT0027 Datasheet
82Kb / 4P
CATV Diplex Filter 5 - 65 / 88 - 1000MHz
logo
M/A-COM Technology Solu...
MAFLCT0027 MA-COM-MAFLCT0027 Datasheet
75Kb / 4P
CATV Diplex Filter 5 - 65 / 88 - 1000MHz
MAFLCT0027 MA-COM-MAFLCT0027 Datasheet
75Kb / 4P
CATV Diplex Filter
MAFLCT0027 MA-COM-MAFLCT0027_15 Datasheet
75Kb / 4P
CATV Diplex Filter
More results


Similar Description - MAFLCT0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACPCT0039 MACOM-MACPCT0039 Datasheet
72Kb / 3P
Broadband CATV, 10dB Coupler 5-1000 MHz
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
logo
M/A-COM Technology Solu...
MAFL-011024 MA-COM-MAFL-011024 Datasheet
730Kb / 5P
Broadband CATV Diplexer
MAFL-011025 MA-COM-MAFL-011025 Datasheet
729Kb / 5P
Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013 Datasheet
468Kb / 5P
Broadband CATV Diplexer
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
Broadband CATV Diplexer
MAFL-011013 MA-COM-MAFL-011013_15 Datasheet
468Kb / 5P
Broadband CATV Diplexer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com