Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6D06065F Datasheet (PDF) - SMC Diode Solutions Co. LTD

S6D06065F Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S6D06065F
Download  S6D06065F Download
File Size   903.45 Kbytes
Page   10 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 6A 650V SIC POWER SCHOTTKY RECTIFIERS

S6D06065F Datasheet (PDF)

Go To PDF Page Download Datasheet
S6D06065F Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S6D06065F
Download  S6D06065F Click to download

File Size   903.45 Kbytes
Page   10 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 6A 650V SIC POWER SCHOTTKY RECTIFIERS

S6D06065F Datasheet (HTML) - SMC Diode Solutions Co. LTD


S6D06065F Product details

175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - S6D06065F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
More results


Similar Description - S6D06065F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC06C60 CITC-SIC06C60 Datasheet
772Kb / 4P
6A SiC Schottky Diode
SICF06C60 CITC-SICF06C60 Datasheet
3Mb / 4P
6A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE06MPS06A GENESIC-GE06MPS06A Datasheet
509Kb / 7P
650V 6A SiC Schottky MPS??Diode
GE06MPS06E GENESIC-GE06MPS06E Datasheet
508Kb / 7P
650V 6A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06506TS UNITEDSIC-UJ3D06506TS Datasheet
388Kb / 5P
6A - 650V SiC Schottky Diode
Rev. A, September 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S06AS SS-SIS650S06AS Datasheet
1Mb / 3P
650V 6A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com