Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1242314 Datasheet (PDF) - PHOENIX CONTACT

1242314 Datasheet PDF - PHOENIX CONTACT
Part # 1242314
Download  1242314 Download
File Size   190.54 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-06KS0,06-0,34 - Crimp contact

1242314 Datasheet (PDF)

Go To PDF Page Download Datasheet
1242314 Datasheet PDF - PHOENIX CONTACT

Part # 1242314
Download  1242314 Click to download

File Size   190.54 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-06KS0,06-0,34 - Crimp contact

1242314 Datasheet (HTML) - PHOENIX CONTACT


1242314 Product details

Crimp contact, Socket, turned, contact diameter: 0.6 mm, crimp range: 0.06 mm2 ... 0.25 mm2,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Lead-free alternative available
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1242314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242311 PHOENIX-1242311 Datasheet
177Kb / 4P
ST-06KP0,06-0,34 - Crimp contact
1242312 PHOENIX-1242312 Datasheet
189Kb / 5P
ST-06KP0,34-0,50 - Crimp contact
1242315 PHOENIX-1242315 Datasheet
190Kb / 5P
ST-06KS0,34-0,50 - Crimp contact
1242316 PHOENIX-1242316 Datasheet
490Kb / 13P
ST-17P1N8A8003X - Cable connector
1242317 PHOENIX-1242317 Datasheet
478Kb / 13P
ST-17P1N8A8003SX - Cable connector
More results


Similar Description - 1242314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607579 PHOENIX-1607579 Datasheet
49Kb / 3P
Crimp contact - ST-06KP030
1607581 PHOENIX-1607581 Datasheet
156Kb / 3P
Crimp contact - ST-06KS020
1618464 PHOENIX-1618464 Datasheet
197Kb / 3P
Crimp contact - ST-10KS035
1452356 PHOENIX-1452356 Datasheet
47Kb / 2P
Crimp contact - CC-1,0-ST-0,34-MS AU
1452372 PHOENIX-1452372 Datasheet
47Kb / 2P
Crimp contact - CC-0,8-ST-0,34-MS AU
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
1618458 PHOENIX-1618458 Datasheet
176Kb / 3P
Crimp contact - ST-10KP035
10/06/2021
1607658 PHOENIX-1607658 Datasheet
233Kb / 7P
ST-20KS020 - Crimp contact
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
1239798 PHOENIX-1239798 Datasheet
189Kb / 5P
CC-1,0-ST-0,34-MS AUX - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com