Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1454079 Datasheet (PDF) - PHOENIX CONTACT

1454079 Datasheet PDF - PHOENIX CONTACT
Part # 1454079
Download  1454079 Download
File Size   422.03 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 2,0-28X/M12FS OD - Sensor/actuator cable

1454079 Datasheet (PDF)

Go To PDF Page Download Datasheet
1454079 Datasheet PDF - PHOENIX CONTACT

Part # 1454079
Download  1454079 Click to download

File Size   422.03 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 2,0-28X/M12FS OD - Sensor/actuator cable

1454079 Datasheet (HTML) - PHOENIX CONTACT


1454079 Product details

Sensor/actuator cable, 4-position, PE-X halogen-free, black-gray RAL 7021, free cable end, on
Socket straight M12, coding: A, cable length: 2 m, for outdoor applications, with high-grade steel
knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C




Similar Part No. - 1454079

ManufacturerPart #DatasheetDescription
logo
Heyco.
14540 HEYCO-14540 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1454040 PHOENIX-1454040 Datasheet
426Kb / 12P
SAC-4P-M12MS/ 2,0-28X OD - Sensor/actuator cable
1454053 PHOENIX-1454053 Datasheet
429Kb / 12P
SAC-4P-M12MS/ 5,0-28X OD - Sensor/actuator cable
logo
NXP Semiconductors
145406 PHILIPS-145406 Datasheet
90Kb / 5P
EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Texas Instruments
145406 TI-145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
More results


Similar Description - 1454079

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095802 PHOENIX-1095802 Datasheet
492Kb / 9P
Sensor/actuator cable - SAC-8P- 2,0-680/M12FS FDN
01/13/2022
1424082 PHOENIX-1424082 Datasheet
59Kb / 3P
Sensor/actuator cable - SAC-4P-40,0-PUR/M12FS
12/21/2018
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1442502 PHOENIX-1442502 Datasheet
144Kb / 11P
Sensor/actuator cable - SAC-4P-10,0-PUR/M12FS P
09/11/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1502730 PHOENIX-1502730 Datasheet
75Kb / 5P
Sensor/actuator cable - SAC-4P-15,0-PUR/M12FS
12/05/2018
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com