Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10-0017 Datasheet (PDF) - Tyco Electronics

AT10-0017 Datasheet PDF - Tyco Electronics
Part # AT10-0017
Download  AT10-0017 Download
File Size   241.75 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz

AT10-0017 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT10-0017 Datasheet PDF - Tyco Electronics

Part # AT10-0017
Download  AT10-0017 Click to download

File Size   241.75 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz

AT10-0017 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT10-0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
Voltage Variable Absorptive
logo
Tyco Electronics
AT10-0017-TB MACOM-AT10-0017-TB Datasheet
220Kb / 2P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
AT10-0017-TB MA-COM-AT10-0017-TB Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
More results


Similar Description - AT10-0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
Voltage Variable Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com