Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1101 Datasheet (PDF) - Turck, Inc.

LT1101 Datasheet PDF - Turck, Inc.
Part # LT1101
Download  LT1101 Download
File Size   727.14 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description EZ-Track Linear Displacement Transducer – Analog

LT1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1101 Datasheet PDF - Turck, Inc.

Part # LT1101
Download  LT1101 Click to download

File Size   727.14 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description EZ-Track Linear Displacement Transducer – Analog

LT1101 Datasheet (HTML) - Turck, Inc.


LT1101 Product details

Features
■EZ-Track Linear Displacement Transducer
■16-bit resolution
■Adjustable measuring range
■Operating temperature rod -40 °C…+105 °C
■Operating temperature electronics -40 °C…
+85 °C
■Protection class IP68
■7…30 VDC supply voltage
■Analog output 4…20 mA
■M12 × 1 connector

Functional principle
The LTX is a magnetostrictive sensor, optimized
for precise position control in hydraulic
cylinders. With the assistance of optional floats,
the magnetically actuated position sensors also
implement additional fill level monitoring.
The absolute value sensor is very robust
and precise, and also saves the position
information in the event of a voltage failure,
so that additional zeroing is unnecessary. The
sensors operate on the contactless function
principle and are thus wear and maintenance
free.




Similar Part No. - LT1101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Linear Integrated Syste...
LT1101 LINEAR-LT1101 Datasheet
238Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
LT1101AC LINER-LT1101AC Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101ACH LINER-LT1101ACH Datasheet
922Kb / 12P
Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results


Similar Description - LT1101

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS94A2 HONEYWELL-SS94A2 Datasheet
62Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
SS94B1A HONEYWELL-SS94B1A Datasheet
59Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
List of Unclassifed Man...
SS94A1B ETC2-SS94A1B Datasheet
57Kb / 1P
LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
Analog Linear Displacement Sensor
09-Sep-15
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
Analog Linear Displacement Sensor
25-Jan-18
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
Analog Linear Displacement Sensor
15-Jun-2022
logo
List of Unclassifed Man...
953A ETC-953A Datasheet
3Mb / 18P
LINEAR DISPLACEMENT TRANSDUCERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com