Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1454066 Datasheet (PDF) - PHOENIX CONTACT

1454066 Datasheet PDF - PHOENIX CONTACT
Part # 1454066
Download  1454066 Download
File Size   427.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/10,0-28X OD - Sensor/actuator cable

1454066 Datasheet (PDF)

Go To PDF Page Download Datasheet
1454066 Datasheet PDF - PHOENIX CONTACT

Part # 1454066
Download  1454066 Click to download

File Size   427.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/10,0-28X OD - Sensor/actuator cable

1454066 Datasheet (HTML) - PHOENIX CONTACT


1454066 Product details

Sensor/actuator cable, 4-position, PE-X halogen-free, black-gray RAL 7021, Plug straight M12,
coding: A, on free cable end, cable length: 10 m, for outdoor applications, with high-grade steel
knurl

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C




Similar Part No. - 1454066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
145406 PHILIPS-145406 Datasheet
90Kb / 5P
EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Texas Instruments
145406 TI-145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
More results


Similar Description - 1454066

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405961 PHOENIX-1405961 Datasheet
120Kb / 6P
Sensor/Actuator cable - SAC-8P-M12MS/30-28X/M12FSSHOD
1415588 PHOENIX-1415588 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 3,0-PVC
09/11/2020
1415589 PHOENIX-1415589 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-PVC
09/11/2020
1415585 PHOENIX-1415585 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/ 1,5-PVC
09/11/2020
1425146 PHOENIX-1425146 Datasheet
136Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/7,2-28X/M12FS OD
09/12/2020
1454134 PHOENIX-1454134 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-4P-M12MS/ 5,0-28X SH OD
09/11/2020
1456983 PHOENIX-1456983 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P-10,0-800/M12FR
09/11/2020
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com