Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMAG5213ADQDBZR Datasheet (PDF) - Texas Instruments

TMAG5213ADQDBZR Datasheet PDF - Texas Instruments
Part # TMAG5213ADQDBZR
Download  TMAG5213ADQDBZR Download
File Size   1336.32 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMAG5213 Low-Cost Hall-Effect Latch

TMAG5213ADQDBZR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMAG5213ADQDBZR Datasheet PDF - Texas Instruments

Part # TMAG5213ADQDBZR
Download  TMAG5213ADQDBZR Click to download

File Size   1336.32 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TMAG5213 Low-Cost Hall-Effect Latch

TMAG5213ADQDBZR Datasheet (HTML) - Texas Instruments


TMAG5213ADQDBZR Product details

1 Features
• Z-axis Hall-effect bipolar latch
• 30kHz magnetic sampling frequency
• Multiple sensitivity options (BOP / BRP)
– ±2.7mT (AD, see Device Nomenclature)
– ±6mT (AG, see Device Nomenclature)
• Supports a wide voltage range
– 2.5V to 28V
– No external regulator required
• Wide operating temperature range
– TA = –40°C to +125°C
• Open-drain output (30mA sink)
• 35μs power-on time
• Industry standard package and footprint
– Surface mount 3-pin SOT-23 (DBZ)
• 2.92mm × 2.37mm
– Through-hole 3-pin TO-92 (LPG)
• 4.00mm × 1.52mm
• Protection features:
– Output short-circuit protection
– Output current limitation

2 Applications
• Power tools
• Vacuum robot
• Valve and actuator control
• Servo motors
• Proximity switch
• AC Units
• BLDC motors

3 Description
The TMAG5213 is a low-cost, chopper-stabilized Halleffect
sensor with excellent sensitivity stability over
temperature and integrated protection features.
The magnetic field is indicated through a digital
bipolar latch output. When the applied magnetic flux
density crosses the operating point (BOP) threshold,
the device outputs a low voltage. The output stays
low until the flux density crosses the release point
(BRP), at which point the device output gets pulled
high. This bipolar latch magnetic response allows the
device output to be sensitive to positive and negative
magnetic flux through the Z-axis of the package.
The TMAG5213 has a wide operating voltage range
from 2.5V to 28V and operating temperature range
from –40°C to +125°C designed for a variety of
industrial applications. Internal protection functions
are provided for output short circuit or overcurrent,
and the device has an open-drain output stage with
30mA current sink capability.




Similar Part No. - TMAG5213ADQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5213ADQLPG TI1-TMAG5213ADQLPG Datasheet
1Mb / 24P
TMAG5213 Low-Cost Hall-Effect Latch
MARCH 2024
TMAG5213ADQLPGM TI1-TMAG5213ADQLPGM Datasheet
1Mb / 24P
TMAG5213 Low-Cost Hall-Effect Latch
MARCH 2024
More results


Similar Description - TMAG5213ADQDBZR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
CMOS Low Voltage Hall Effect Latch
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
HALL EFFECT LATCH
AH1751 Rev. 4
logo
Micronas
HAL1XY MICRONAS-HAL1XY_1 Datasheet
197Kb / 2P
Low-Cost Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY_1 Datasheet
477Kb / 2P
Low-Cost Hall-Effect Sensor Family
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
Dual Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
Single Hall Effect Latch
FS177 FEELING-FS177 Datasheet
225Kb / 10P
Low Voltage Hall Effect Latch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com