Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1135 Datasheet (PDF) - Sanyo Semicon Device

B1135 Datasheet PDF - Sanyo Semicon Device
Part # B1135
Download  B1135 Download
File Size   106.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/7A Switching Applications

B1135 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1135 Datasheet PDF - Sanyo Semicon Device

Part # B1135
Download  B1135 Click to download

File Size   106.66 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/7A Switching Applications

B1135 Datasheet (HTML) - Sanyo Semicon Device


B1135 Product details

Applications
· Relay drivers, high-speed inverters, converters, and
other general high-current switching applications.

Features
· Low-saturation collector-to-emitter voltage :
VCE(sat)=–0.4V max.
· Wide ASO leading to high resistance to breakdown.
· Micaless package facilitating mounting.




Similar Part No. - B1135

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B1135AS-100M TOKO-B1135AS-100M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
B1135AS-100M TOKO-B1135AS-100M Datasheet
249Kb / 1P
Magnetically shielded construction and low DC resistance
B1135AS-101M TOKO-B1135AS-101M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
B1135AS-101M TOKO-B1135AS-101M Datasheet
249Kb / 1P
Magnetically shielded construction and low DC resistance
B1135AS-150M TOKO-B1135AS-150M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
More results


Similar Description - B1135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1290 SANYO-2SA1290 Datasheet
100Kb / 3P
60V/7A High-Speed Switching Applications
2SA1470 SANYO-2SA1470 Datasheet
101Kb / 4P
60V/7A High-Speed Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1450 SANYO-2SB1450 Datasheet
100Kb / 3P
50V/7A Switching Applications
2SB1452 SANYO-2SB1452 Datasheet
132Kb / 4P
80V/7A Switching Applications
2SB825 SANYO-2SB825 Datasheet
94Kb / 3P
50V/7A Switching Applications
2SB827 SANYO-2SB827 Datasheet
93Kb / 3P
50V/7A Switching Applications
2SB921L SANYO-2SB921L Datasheet
120Kb / 4P
80V/7A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com