Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W76P Datasheet (PDF) - Yealink Inc.

W76P Datasheet PDF - Yealink Inc.
Part # W76P
Download  W76P Download
File Size   500.41 Kbytes
Page   3 Pages
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.
Description High-performance DECT IP phone system with user-centric design

W76P Datasheet (PDF)

Go To PDF Page Download Datasheet
W76P Datasheet PDF - Yealink Inc.

Part # W76P
Download  W76P Click to download

File Size   500.41 Kbytes
Page   3 Pages
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.
Description High-performance DECT IP phone system with user-centric design

W76P Datasheet (HTML) - Yealink Inc.


W76P Product details

Phone Features
• Up to 20 simultaneous calls
• Up to 10 handsets
• Up to 10 VoIP accounts
• Up to 2 simultaneous calls per handset
• Up to 6 repeaters per base station (RT30)
• Handset selection for receiving call
• Handset and number selection for placing call
• Paging, intercom, auto answer, dial plan
• Call hold, call transfer, 3-way conference
• Switching between calls
• Call waiting, mute, silence, DND
• Caller ID with name and number
• Anonymous call/Anonymous call rejection
• Call forward: Always/Busy/No Answer
• Speed dial/Voicemail/Redial
• Message Waiting Indication (MWI)
• Music on hold (server-based)
• Local phonebook for up to 1000 entries (store
the base)
• Remote phonebook/LDAP/XML phonebook
• Phonebook search/import/export
• 100 call history per handset: All/Placed/Missed/
Received/Forward
• Direct IP call without SIP proxy
• Reset to factory, reboot
• Keypad lock, emergency call
• Broadsoft directory, BroadSoft call log
• Broadworks feature key synchronization
• Shared Call Appearance (SCA)
• XML browser
• Action URI

Audio Features
Full-duplex speakerphone
Hearing Aid Compatibility (HAC) compliant
Receiver volume control: 5 steps
Ringer volume control: 5 steps+off
Multiple advisory tones
Acoustic warning for low battery status
DTMF
Wideband codec: Opus, AMR-WB (optional),
G.722
Narrowband codec: AMR-NB (optional), PCMU,
PCMA, G.726, G.729, G.729A, iLBC
VAD, CNG, AGC, PLC, AJB
AEC (supported by W56H)
Support VQ-RTCPXR (RFC6035), RTCP-XR

Network Features
SIP v1 (RFC2543), v2 (RFC3261)
SNTP/NTP
VLAN (802.1Q and 802.1P)
802.1x, LLDP
STUN Client (NAT Traversal)
UDP/TCP/TLS
IP assignment: Static/DHCP
Support outbound proxy server backup

Physical Features
Indoor Range: 50m (in ideal conditions)
Outdoor Range: 300m (in ideal conditions)
Standby Time: 400 hours (in ideal conditions)
Talk Time: 30 hours
2.4’’ 240x320 pixels color display
Desktop or wall mountable
LCD backlit, key backlit
Energy-saving ECO mode/ECO Mode+
12 key numerical keypad, 5 navigation keys, 2
softkeys, 6 function keys, 6 shortcut keys
Three LED indicators on W70B:
- 1 x Registration LED
- 1 x Network Status LED
- 1 x Power Indicator LED
External Yealink AC adapter:
AC 100-240V Input and DC 5V/600mA Output
Color: Handset: Alabaster Silver ; Base: Classic
Grey
Handset size: 175mm x 53mm x 20.3mm
Base station size: 130mm x 100mm x 25.1mm
Operating humidity: 10 ~ 95%
Operating temperature: 0~+40°C (+32~104°F)

Package Features
Package contents:
- W56H Handset
- W70B Base Station
- Base Stand
- USB Charger Cradle
- Two Power Adapters
- Ethernet Cable
- Belt Clip
- Rechargeable Battery
- Quick Start Guide
Qty/CNT: 10 PCS
Giftbox size: 205mm × 196mm × 95mm
Carton meas: 495mm × 406mm × 223mm
N.W: 7.5 kg
G.W: 8.3 kg




Similar Part No. - W76P

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SB WEDC-W764M32V100SB Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBC WEDC-W764M32V100SBC Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBI WEDC-W764M32V100SBI Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBM WEDC-W764M32V100SBM Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
More results


Similar Description - W76P

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM1115 BOARDCOM-BCM1115 Datasheet
169Kb / 2P
SINGLE PORT ENTERPRISE IP PHONE CHIP
logo
Texas Instruments
IP_TNETV1050 TI-IP_TNETV1050 Datasheet
52Kb / 5P
IP Phone Solution
logo
Broadcom Corporation.
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
ENTERPRISE IP PHONE CHIP
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
LOW-COST IP PHONE CHIP
logo
STMicroelectronics
AN2760 STMICROELECTRONICS-AN2760 Datasheet
215Kb / 14P
Using clock distribution circuits in smart phone system design
31-Jul-2008
logo
Bothhand USA, LP.
VP2009-LF BOTHHAND-VP2009-LF Datasheet
103Kb / 2P
Designed for IP phone or switch applications.
VP2009M-HF BOTHHAND-VP2009M-HF Datasheet
249Kb / 2P
Designed for IP phone or switch applications.
logo
Xilinx, Inc
DS608 XILINX-DS608 Datasheet
146Kb / 5P
LogiCORE IP System Monitor
logo
Infineon Technologies A...
PSB21653E INFINEON-PSB21653E Datasheet
758Kb / 2P
Single-chip IP Phone with Internal GbESwitch
logo
E&E Magnetic Products L...
824-00210 EEMAGNETIC-824-00210 Datasheet
113Kb / 2P
Quad port design for IP phone or IP switch applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com