Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT232 Datasheet (PDF) - Zywyn Corporation

ZT232 Datasheet PDF - Zywyn Corporation
Part # ZT232
Download  ZT232 Download
File Size   1316.94 Kbytes
Page   14 Pages
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation
Description Low Power 5V 250kbps RS232 Transceivers

ZT232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT232 Datasheet PDF - Zywyn Corporation

Part # ZT232
Download  ZT232 Click to download

File Size   1316.94 Kbytes
Page   14 Pages
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation
Description Low Power 5V 250kbps RS232 Transceivers

ZT232 Datasheet (HTML) - Zywyn Corporation


ZT232 Product details

Features
• Meets EIA/TIA-232F and CCITT V.28/V.24 specifi cations
for VCC at +5V ±10%
• Low Quiescent Current – 3mA typ., 5mA max.
• Low Shutdown Current (where applicable) - 1μA typical,
5μA max.
• Guaranteed Standard Data Rate 250kbps
• Proprietary Switch-Capacitor Regulated Voltage Converters
(patent pending)
• Use Small 0.1μF Capacitors
• Wake Up Feature (where applicable) in Shutdown
Mode
• Tri-State Receiver Outputs
• Latch-up Free
• ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
• Drop-in Replacements for MAX202E, MAX232E, SP202E,
SP232E, SP310E, SP312E, ST202E, ST232E, HIN202E,
HIN232E, ADM202E,ADM232L
• High Data Rate at 1000kbps Available on ZT232F Series

General Description
The ZT232E series devices are +5V powered EIA/TIA-232 and
CCITT V.28/V.24 communication interfaces with low power requirements.
These transceivers consist of two line drivers, two
line receivers and the proprietary switch-capacitor regulated
voltage converters. The ZT310E and ZT312E feature a low power
shutdown mode which draws as little current as 1μA typical with
receiver outputs tri-stated and in wake-up. These devices operate from
a single +5V power supply at the guaranteed data rate of 250k
bits/sec with enhanced electrostatic discharge (ESD) protection
in all RS232 I/O pins exceeding ±15kV HBM.

Applications
• Single Power Supply Applications
• Industrial and Embedded PCs
• Set Top Boxes
• Terminal Adapters
• POS terminals
• Peripherals Interface
• Routers and HUBs




Similar Part No. - ZT232

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ZT2001 HAMMOND-ZT2001 Datasheet
22Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ZT2001-4 HAMMOND-ZT2001-4 Datasheet
22Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ZT2001-8 HAMMOND-ZT2001-8 Datasheet
23Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
List of Unclassifed Man...
ZT202 ETC1-ZT202 Datasheet
224Kb / 9P
Europe market universal remote control IC.
logo
Zywyn Corporation
ZT207E ZYWYN-ZT207E Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
More results


Similar Description - ZT232

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
logo
List of Unclassifed Man...
ZT483E ETC1-ZT483E Datasheet
576Kb / 14P
Low Power 5V 250kbps/10Mbps RS485 Transceivers
logo
Linear Technology
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
logo
ASIX Electronics Corpor...
ZT3241E ASIX-ZT3241E Datasheet
1Mb / 16P
Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers
Revision 2.00 Apr. 15th, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com