Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB-910003 Datasheet (PDF) - PCTEL, Inc.

EMB-910003 Datasheet PDF - PCTEL, Inc.
Part # EMB-910003
Download  EMB-910003 Download
File Size   743.74 Kbytes
Page   7 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Tri-Band Monopole Antenna for 2.4/5/6 GHz Wi-Fi Wi-Fi Antennas

EMB-910003 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB-910003 Datasheet PDF - PCTEL, Inc.

Part # EMB-910003
Download  EMB-910003 Click to download

File Size   743.74 Kbytes
Page   7 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Tri-Band Monopole Antenna for 2.4/5/6 GHz Wi-Fi Wi-Fi Antennas

EMB-910003 Datasheet (HTML) - PCTEL, Inc.


EMB-910003 Product details

Description
Tri-band monopole
antenna covers the
2.4 GHz, 5 GHz, and
6 GHz Wi-Fi bands

Features
Easy to deploy: the antenna mounts directly to a metal ground
plane using two screws
Small and low-profile: the antenna is easily integrated into tight
spaces or onto multi-antenna platforms
High impedance bandwidth over 2.4 GHz enables good
impedance matching and efficiency in a variety of deployment
scenarios, including those compromised by obstructions
Comes with a micro-coaxial cable soldered to the element that
is terminated in a U.FL-style connector
Approved for use with the PCTEL RM-WIFI-AC-2X2-HP 5 GHz
radio module




Similar Part No. - EMB-910003

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
EMB-910001 PCTEL-EMB-910001 Datasheet
650Kb / 6P
Horizontally-Polarized Monopole Antenna for 5 GHz Wi-Fi
September 2023
EMB-910002 PCTEL-EMB-910002 Datasheet
730Kb / 7P
Tri-Band Inverted-F Antenna for 2.4/5/6 GHz Wi-Fi Wi-Fi Antennas
EMB-910004 PCTEL-EMB-910004 Datasheet
711Kb / 7P
Dual-Band Dipole Antenna for 2.4/5 GHz Wi-Fi Wi-Fi Antennas
More results


Similar Description - EMB-910003

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
2.4 GHz Wi-Fi Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANTDP053 WPI-WPANTDP053 Datasheet
135Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A_15 Datasheet
76Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com