Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC1.5-4 Datasheet (PDF) - Tyco Electronics

ETC1.5-4 Datasheet PDF - Tyco Electronics
Part # ETC1.5-4
Download  ETC1.5-4 Download
File Size   62.6 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz

ETC1.5-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETC1.5-4 Datasheet PDF - Tyco Electronics

Part # ETC1.5-4
Download  ETC1.5-4 Click to download

File Size   62.6 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz

ETC1.5-4 Datasheet (HTML) - Tyco Electronics


ETC1.5-4 Product details

Description
M/A-COM’s ETC1.5-4 is a 1.5:1 RF step-down auto- transformer in a low cost, surface mount package. Ideally suited for high volume applications.

Features
• Surface Mount
• 1.5:1 Impedance Ratio
• Available on Tape & Reel




Similar Part No. - ETC1.5-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1.5-4 MA-COM-ETC1.5-4 Datasheet
96Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
ETC1.5-4TR MA-COM-ETC1.5-4TR Datasheet
533Kb / 4P
Surface mount
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer
More results


Similar Description - ETC1.5-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC15-4 MACOM-ETC15-4 Datasheet
59Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABAES0025 MACOM-MABAES0025 Datasheet
44Kb / 2P
E-Series RF 1.5:1 Transformer 5 - 350 MHz
MABAES0032 MACOM-MABAES0032 Datasheet
48Kb / 2P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1.5-7 MACOM-ETC1.5-7 Datasheet
57Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
logo
M/A-COM Technology Solu...
MABAES0025 MA-COM-MABAES0025 Datasheet
73Kb / 2P
E-Series RF 1.5:1 Transformer 5 - 350 MHz
MABAES0034 MA-COM-MABAES0034 Datasheet
91Kb / 1P
E-Series RF 4:1 Auto Transformer 20 - 1000 MHz
ETC1.5-4 MA-COM-ETC1.5-4 Datasheet
96Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABA-008752-TC1P57 MA-COM-MABA-008752-TC1P57 Datasheet
72Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com