Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF5020 Datasheet (PDF) - OPTEK Technologies

OPF5020 Datasheet PDF - OPTEK Technologies
Part # OPF5020
Download  OPF5020 Download
File Size   392.32 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description 850nm Fast Ethernet Transceiver in 1 x 7 SMD Package

OPF5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF5020 Datasheet PDF - OPTEK Technologies

Part # OPF5020
Download  OPF5020 Click to download

File Size   392.32 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description 850nm Fast Ethernet Transceiver in 1 x 7 SMD Package

OPF5020 Datasheet (HTML) - OPTEK Technologies


OPF5020 Product details

Description
Optek’s OPF5020 is a 125Mbps SFF transceiver for use in data communications applications. It utilizes a MT-RJ dual fiber receptacle which features a small size and intuitive latching mechanism design which allows for higher density implementations and easier end-user installation.
The transmitter is an 850 nm GaAlAs LED, configured for optimum transceiver performance when used in conjunction with a low-side driver. The coupling efficiency of the LED and optical system allows the device to be used at low current levels, reducing power consumption and increasing system reliability.

Features
• Small Form Factor surface mount package
• MT-RJ Receptacle
• Low cost 850 nm LED design
• Link distance up to 300m at 125Mbps
• Fully complies with the 100BASE-SX Fast Ethernet Standard (TIA-785)
• Single +5V power supply




Similar Part No. - OPF5020

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF502 OPTEK-OPF502 Datasheet
720Kb / 4P
200kbps Fiber Optic Receiver
More results


Similar Description - OPF5020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
List of Unclassifed Man...
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
Fast Ethernet SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
10Gb/1Gb Ethernet, 850nm SFP Transceiver
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com