Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-6-4 Datasheet (PDF) - Tyco Electronics

JH-6-4 Datasheet PDF - Tyco Electronics
Part # JH-6-4
Download  JH-6-4 Download
File Size   172.42 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 2 - 32 MHz

JH-6-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-6-4 Datasheet PDF - Tyco Electronics

Part # JH-6-4
Download  JH-6-4 Click to download

File Size   172.42 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 2 - 32 MHz

JH-6-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - JH-6-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-6-4BNC MA-COM-JH-6-4BNC Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-6-4N MA-COM-JH-6-4N Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-6-4SMA MA-COM-JH-6-4SMA Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-6-4TNC MA-COM-JH-6-4TNC Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
More results


Similar Description - JH-6-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
Quadrature Hybrid 20 - 140 MHz
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
Quadrature Hybrid 80 - 160 MHz
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
Quadrature Hybrid 250 - 500 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
Quadrature Hybrid, 20 - 40 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
Quadrature Hybrid, 80 - 160 MHz
JH-113 MACOM-JH-113 Datasheet
133Kb / 3P
Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-113 MA-COM-JH-113 Datasheet
90Kb / 3P
Quadrature Hybrid, 7 - 14 MHz
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
Quadrature Hybrid, 20 - 40 MHz
JH-136 MA-COM-JH-136 Datasheet
93Kb / 3P
Quadrature Hybrid, 175 - 350 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com