Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K100B Datasheet (PDF) - Altera Corporation

EPF10K100B Datasheet PDF - Altera Corporation
Part # EPF10K100B
Download  EPF10K100B Download
File Size   60.26 Kbytes
Page   1 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device

EPF10K100B Datasheet (PDF)

Go To PDF Page Download Datasheet
EPF10K100B Datasheet PDF - Altera Corporation

Part # EPF10K100B
Download  EPF10K100B Click to download

File Size   60.26 Kbytes
Page   1 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device

EPF10K100B Datasheet (HTML) - Altera Corporation


EPF10K100B Product details

This datasheet describes configuration devices for SRAM-based look-up table (LUT) devices.



Features

Configuration devices for SRAM-based LUT devices offer the following features:

■ Configures Altera ACEX 1K, APEX 20K (including APEX 20K, APEX 20KC, and APEX 20KE), APEX II, Arria GX, Cyclone, Cyclone II, FLEX 10K (including FLEX 10KE and FLEX 10KA) Mercury, Stratix, Stratix GX, Stratix II, and Stratix II GX devices

■ Easy-to-use four-pin interface

■ Low current during configuration and near-zero standby mode current

■ Programming support with the Altera Programming Unit (APU) and programming hardware from Data I/O, BP Microsystems, and other third-party programmers

■ Available in compact plastic packages

■ 8-pin plastic dual in-line (PDIP) package

■ 20-pin plastic J-lead chip carrier (PLCC) package

■ 32-pin plastic thin quad flat pack (TQFP) package

■ EPC2 device has reprogrammable flash configuration memory

■ 5.0-V and 3.3-V in-system programmability (ISP) through the built-in IEEE Std.

1149.1 JTAG interface

■ Built-in JTAG boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1

■ Supports programming through Serial Vector Format File (.svf), Jam Standard Test and Programming Language (STAPL) Format File (.jam), JAM Byte Code File (.jbc), and the Quartus II and MAX+PLUS II softwares using the USB-Blaster, MasterBlaster, ByteBlaster II, EthernetBlaster, or ByteBlasterMV download cable

■ Supports programming through Programmer Object File (.pof) for EPC1 and EPC1441 devices

■ nINIT_CONF pin allows INIT_CONF JTAG instruction to begin FPGA configuration



 




Similar Part No. - EPF10K100B

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100B ALTERA-EPF10K100B Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
More results


Similar Description - EPF10K100B

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
Embedded Programmable Logic Device
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com