Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9217 Datasheet (PDF) - Texas Instruments

ADS9217 Datasheet PDF - Texas Instruments
Part # ADS9217
Download  ADS9217 Download
File Size   2987.5 Kbytes
Page   74 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9217 Datasheet PDF - Texas Instruments

Part # ADS9217
Download  ADS9217 Click to download

File Size   2987.5 Kbytes
Page   74 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9217 Datasheet (HTML) - Texas Instruments


ADS9217 Product details

1 Features
• High-speed and low-power:
– ADS9219: 20MSPS/ch, 187mW/ch
– ADS9218: 10MSPS/ch, 146mW/ch
– ADS9217: 5MSPS/ch, 95mW/ch
• 2-channel, simultaneous sampling
• Feature integration:
– Integrated ADC driver
– Integrated precision reference
– Common-mode voltage output buffer
• High performance:
– 18-bit no-missing-codes
– INL: ±1LSB, DNL: ±0.75LSB
– SNR: 95.5dB and 104.5dB SNR with OSR = 16
• Wide input bandwidth:
– ADS9219: 135MHz (–3dB)
– ADS9218: 90MHz (–3dB)
– ADS9217: 45MHz (–3dB)
• Serial LVDS interface:
– SDR and DDR output modes
– Synchronous clock and data output
• Extended operating range: –40°C to +125°C

2 Applications
• Power analyzers
• Source measurement units (SMU)
• Marine equipment
• Servo drive position feedback
• DC power supplies, AC sources, electronic loads

3 Description
The ADS921x is a family of 18-bit, high-speed, dualchannel,
simultaneous-sampling, analog-to-digital
converters (ADCs) with an integrated driver for the
ADC inputs. The integrated ADC driver simplifies
the signal chain, reduces power consumption for
precision applications, and supports high-frequency
signals beyond 1MHz. By not requiring an external
decoupling capacitor, the integrated ADC reference
buffer is optimized for wide bandwidth applications.
The ADS921x uses a serial LVDS (SLVDS)
data interface that enables high-speed digital
communication while minimizing digital switching
noise. Read the dual-channel ADC data using
separate SLVDS outputs per ADC channel or one
SLVDS output for both ADC channels.




Similar Part No. - ADS9217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9217 TI1-ADS9217 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
ADS9217 TI1-ADS9217 Datasheet
2Mb / 76P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
MAY 2024
ADS9217 TI1-ADS9217 Datasheet
2Mb / 72P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MARCH 2025
ADS9217 TI2-ADS9217 Datasheet
2Mb / 75P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
REVISED APRIL 2025
ADS9217 TI2-ADS9217 Datasheet
2Mb / 68P
ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
MAY 2025
More results


Similar Description - ADS9217

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
logo
Maxim Integrated Produc...
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com