Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWRL6432 Datasheet (PDF) - Texas Instruments

AWRL6432 Datasheet PDF - Texas Instruments
Part # AWRL6432
Download  AWRL6432 Download
File Size   3614.16 Kbytes
Page   76 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWRL6432AOP Single-Chip 57 to 64GHz Automotive Radar Sensor with Antenna On Package (AOP)

AWRL6432 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWRL6432 Datasheet PDF - Texas Instruments

Part # AWRL6432
Download  AWRL6432 Click to download

File Size   3614.16 Kbytes
Page   76 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWRL6432AOP Single-Chip 57 to 64GHz Automotive Radar Sensor with Antenna On Package (AOP)

AWRL6432 Datasheet (HTML) - Texas Instruments


AWRL6432 Product details

1 Features
• FMCW Transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 57GHz - 64GHz coverage with 7GHz
continuous bandwidth
– Integrated 3 receive channels and 2 transmit
channels Antennas-On-Package (AOP)
– Range typically up to 25m
– FMCW operation
– 5MHz IF bandwidth, real-only Rx channels
– Ultra-accurate chirp engine based on fractional-
N PLL
– Per transmitter binary phase shifter
• Processing elements
– Arm® M4F® core with single precision FPU
(160MHz)
– TI Radar Hardware Accelerator (HWA 1.2)
for FFT, log magnitude, and CFAR operations
(80MHz)
• Supports multiple low-power modes
– Idle mode and deep sleep mode
• Power management
– 1.8V and 3.3V IO support
– Built-in LDO network for enhanced PSRR
– BOM-Optimized and Power-Optimized modes
– One or two power rails for 1.8V IO mode, two or
three power rails for 3.3V IO mode
• Built-in calibration and self-test
– Built-in Firmware (ROM)
– Self-Contained on chip calibration system
• Host Interface
– UART
– CAN-FD
– SPI
– LIN
• RDIF (Radar Data Interface) for raw ADC sample
capture
• Other interfaces available to user application
– QSPI
– I2C
– JTAG
– GPIOs
– PWM Interface
• Internal memory
– 1MB of On-Chip RAM
– Configurable L3 shared memory for Radar
Cube
– Data and Code RAM of (512/640/768KB)
• Functional Safety-Compliant Targeted
– Developed for functional safety applications
– Hardware integrity up to ASIL-B targeted
• AEC Q-100 Qualified
• Easy hardware design
– 0.5-mm pitch, 101-BGA 10.9mm× 6.7mmAMY
package for easy assembly and low-cost PCB
design
– Small solution size
• Clock source
– 40.0MHz crystal for primary clock
– Supports externally driven clock (Square/Sine)
at 40.0MHz
– 32kHz internal oscillator for low power
operations
• Supports temperature operating range
– Operating junction temperature range: –40°C to
125°C

2 Applications
• Intruder detection
• One row Life Presence Detection
• Exterior Intrusion Monitoring / Radar DVR

3 Description
The AWRL6432AOP mmWave Sensor device is an Antenna-on-Package (AOP) device that is an evolution
within integrated single chip mmWave sensor based on FMCW radar technology. The device is capable of
operation in the 57GHz to 63.9GHz band and is partitioned into mainly four power domains:
• RF/Analog Sub-System: This block includes all the RF and Analog components required to transmit and
receive the RF signals.
• Front-End Controller sub-System (FECSS): FECSS contains processor ARM Cortex M3, responsible for
radar front-end configuration, control, and calibration.
• Application Sub-System (APPSS): APPSS is where the device implements a user programmable ARM
Cortex M4 allowing for custom control and automotive interface applications. Top Sub-System (TOPSS) is
part of the APPSS power domain and contains the clocking and power management sub-blocks.
• Hardware Accelerator (HWA): HWA block supplements the APPSS by offloading common radar processing
such as FFT, Constant False Alarm rate (CFAR), scaling, and compression.
AWRL6432AOP is specifically designed to have separate control for each of the above-mentioned power
domains to control states (power ON or OFF) based on use case requirements. The device also features
the capability to exercise various low-power states like sleep and deep sleep, where low-power sleep mode
is achieved by clock gating and by turning off some of the internal IP blocks of the device. The device also
provides the option of keeping some contents of the device, like Application image or RF profile retained in such
scenarios.
Additionally, the device is built with TI’s low power 45nm RF CMOS process and enables unprecedented levels
of integration in an extremely small form factor. AWRL6432AOP is designed for low power, self-monitored,
ultra-accurate radar systems in the automotive space for applications like one row life presence detection,
intrusion detection and exterior intrusion monitoring / radar DVR.




Similar Part No. - AWRL6432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
AWRL6432 TI1-AWRL6432 Datasheet
2Mb / 75P
AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
MARCH 2024
AWRL6432BDBAAMFQ1 TI1-AWRL6432BDBAAMFQ1 Datasheet
2Mb / 75P
AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
MARCH 2024
AWRL6432BDBAAMFRQ1 TI1-AWRL6432BDBAAMFRQ1 Datasheet
2Mb / 75P
AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
MARCH 2024
AWRL6432BDBGAMFQ1 TI1-AWRL6432BDBGAMFQ1 Datasheet
2Mb / 75P
AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor
MARCH 2024
More results


Similar Description - AWRL6432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR6843AOP TI1-IWR6843AOP Datasheet
2Mb / 74P
IWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
AWR6843AOP TI-AWR6843AOP Datasheet
3Mb / 79P
AWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
IWR6843AOP TI-IWR6843AOP_V01 Datasheet
3Mb / 83P
IWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
AWR6843AOP TI-AWR6843AOP_V01 Datasheet
3Mb / 87P
AWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
IWRL6432 TI-IWRL6432 Datasheet
1Mb / 64P
IWRL6432 Single-Chip 57- to 64-GHz Industrial Radar Sensor
DECEMBER 2022
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
IWR6243 TI1-IWR6243 Datasheet
1Mb / 62P
IWR6243 Single-Chip 57- to 64-GHz FMCW Transceiver
REVISED NOVEMBER 2022
IWRL1432 TI1-IWRL1432 Datasheet
1Mb / 68P
IWRL1432 Single-Chip 76- to 81-GHz Industrial Radar Sensor
JULY 2023
IWR1843AOP TI1-IWR1843AOP Datasheet
2Mb / 89P
IWR1843AOP Single-chip 77- and 79-GHz FMCW mmWave Sensor Antennas-On- Package (AOP)
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com