Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74ABQAR Datasheet (PDF) - Texas Instruments

SN74LVC74ABQAR Datasheet PDF - Texas Instruments
Part # SN74LVC74ABQAR
Download  SN74LVC74ABQAR Download
File Size   2822.91 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset

SN74LVC74ABQAR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC74ABQAR Datasheet PDF - Texas Instruments

Part # SN74LVC74ABQAR
Download  SN74LVC74ABQAR Click to download

File Size   2822.91 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset

SN74LVC74ABQAR Datasheet (HTML) - Texas Instruments


SN74LVC74ABQAR Product details

1 Features
• Operate from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Maximum tpd of 5.2ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA per JESD
17
• ESD protection exceeds JESD 22
– 2000V human-body model (A114-A)
– 1000V charged-device model (C101)

2 Applications
• Servers
• Medical, Healthcare, and Fitness
• Telecom Infrastructures
• TVs, Set-Top Boxes, and Audio
• Test and Measurement
• Industrial Transport
• Wireless Infrastructure
• Enterprise Switching
• Motor Drives
• Factory Automation and Control

3 Description
The SNx4LVC74A devices integrate two positive-edge
triggered D-type flip-flops in one convenient device.
The SN54LVC74A is designed for 2.7V to 3.6V VCC
operation, and the SN74LVC74A is designed for
1.65V to 3.6V VCC operation.




Similar Part No. - SN74LVC74ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC74ABQAR TI2-SN74LVC74ABQAR Datasheet
3Mb / 46P
SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
REVISED DECEMBER 2024
SN74LVC74ABQAR.A TI2-SN74LVC74ABQAR.A Datasheet
3Mb / 46P
SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
REVISED DECEMBER 2024
More results


Similar Description - SN74LVC74ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com