| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ATV12HU22M2
|
109Kb / 4P |
variable speed drive ATV12 - 2.2kW - 3hp - 200..240V - 1ph - with heat sink
Sep 3, 2020 |
|
ATV212HD30N4
|
208Kb / 11P |
variable speed drive ATV212 - 30kW - 40hp - 480V - 3ph - EMC - IP21
Aug 9, 2019 |
|
ATV212WU22N4
|
202Kb / 11P |
variable speed drive ATV212 - 2.2kW - 3hp - 480V - 3ph - EMC class C2 - IP55
Apr 20, 2022 |
|
ATV212WU22N4C
|
202Kb / 11P |
variable speed drive ATV212 - 2.2kW - 3hp - 480V - 3ph - EMC class C1 - IP55
Apr 20, 2022 |
|
ATV212H075N4
|
222Kb / 12P |
variable speed drive ATV212 - 0.75kW - 1hp - 480V - 3ph - EMC - IP21
Jan 12, 2022 |
|
ATV212HU15N4
|
227Kb / 12P |
variable speed drive ATV212 - 1.5kW - 2hp - 480V - 3ph - EMC - IP21
Jan 13, 2022 |
|
ATV212HU22N4
|
226Kb / 12P |
variable speed drive ATV212 - 2.2kW - 3hp - 480V - 3ph - EMC - IP21
Jan 13, 2022 |
|
ATV212HU30N4
|
212Kb / 12P |
variable speed drive ATV212 - 3kW - 480V - 3ph - EMC - IP21
Jan 13, 2022 |
|
ATV212HU40N4
|
212Kb / 12P |
variable speed drive ATV212 - 4kW - 5hp - 480V - 3ph - EMC - IP21
Jan 12, 2022 |
|
ATV212HU55N4
|
213Kb / 12P |
variable speed drive ATV212 - 5.5kW - 7.5hp - 480V - 3ph - EMC - IP21
Jan 22, 2022 |