Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR33 Datasheet (PDF) - Cisco Systems, Inc.

MR33 Datasheet PDF - Cisco Systems, Inc.
Part # MR33
Download  MR33 Download
File Size   369.48 Kbytes
Page   7 Pages
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.
Description Dual-band, 802.11ac Wave 2 2x2:2 MU-MIMO Access Point with dedicated security and RF management radio as well as integrated Bluetooth Low Energy beacon and scanning radio

MR33 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR33 Datasheet PDF - Cisco Systems, Inc.

Part # MR33
Download  MR33 Click to download

File Size   369.48 Kbytes
Page   7 Pages
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.
Description Dual-band, 802.11ac Wave 2 2x2:2 MU-MIMO Access Point with dedicated security and RF management radio as well as integrated Bluetooth Low Energy beacon and scanning radio

MR33 Datasheet (HTML) - Cisco Systems, Inc.


MR33 Product details

Features
Aggregate data rate of up to 1.3 Gbps*
A 5 GHz 2x2:2 radio supporting 80 MHz channel widths and a 2.4 GHz 2x2:2 radio supporting 40 MHz channel widths offer a combined dual-radio aggregate frame rate of 1.3 Gbps*, with up to 866 Mbps in the 5 GHz band thanks to 802.11ac Wave 2 and 400 Mbps in the 2.4 GHz band.
Multi User Multiple Input Multiple Output (MU-MIMO)
With support for the 802.11ac Wave 2 standard, the MR33 offers MU-MIMO for more efficient transmission to multiple clients. Especially suited for enviroments with numerous mobile devices, MU-MIMO enables multiple clients to receive data simultanously. This increases the total network perfomance and the improves the end user experience.
Dedicated third radio delivers 24x7 wireless security and RF analytics
The MR33’s sophisticated, dedicated dual-band third radio scans the environment continuously, characterizing RF interference and containing wireless threats like rogue access points. No more need to choose between wireless security, advanced RF analysis, and serving client data: a dedicated third radio means that all three occur in real-time, without any impact to client traffic or
AP throughput.
Bluetooth low energy Beacon and scanning
An integrated Bluetooth low energy radio provides seamless deployment of BLE Beacon functionality and effortless visibility of BLE devices within range of the AP. The MR33 enables the next generation of location-aware applications and engagement right out of the box.
Automatic cloud-based RF optimization
The MR33’s sophisticated, automated RF optimization means that there is no need for the dedicated hardware and RF expertise typically required to tune a wireless network. The real-time full-spectrum RF analysis data collected by the dedicated third radio is continuously fed back to the Meraki cloud. The Meraki cloud then automatically tunes the MR33’s channel selection, transmit power, and client connection settings for optimal performance under the most challenging RF conditions.
Secure wireless environments using 24x7 Air Marshal
No longer choose between a wireless intrusion prevention system (WIPS) and serving client data: thanks to the dedicated third radio, Air Marshal, a highly optimized built-in WIPS, scans continuously for threats and remediates them as commanded, all without disrupting client service. Alarms and optional auto-containment of rogue APs are configured via flexible remediation policies, ensuring optimal security and performance in even the most challenging wireless environments.
Integrated enterprise security and guest access
The MR33 features integrated, easy-to-use security technologies to provide secure connectivity for employees and guests alike. Advanced security features such as AES hardware-based encryption and WPA2-Enterprise authentication with 802.1X provide wire-like security while still being easy to configure. One-click guest isolation provides secure, Internet-only access for visitors. Our policy firewall (Identity Policy Manager) enables group or device-based, granular access policy control. Meraki Teleworker VPN makes it easy to extend the corporate LAN to remote sites, without requiring all clients and devices to have client VPN software. PCI compliance reports
check network settings against PCI requirements to simplify secure retail deployments.
Application-aware traffic shaping
The MR33 includes an integrated layer 7 packet inspection, classification, and control engine, enabling you to set QoS policies based on traffic type. Prioritize your mission critical applications, while setting limits on recreational traffic, e.g., peer-to-peer and video streaming.
Voice and Video optmizations
Industry standard QoS features are easy to configure like Wireless Multi Media (WMM) Access Categories, 802.1p, and DSCP.
Low-profile, sleek, and compact design
Despite its robust feature set, the MR33 is packaged in a sleek, low-profile enclosure that blends seamlessly into any environment.
Self-configuring, self-optimizing, self-healing
When plugged in, the MR33 automatically connects to the Meraki cloud, downloads its configuration, and joins the appropriate network. The MR33 then self-optimizes, determining the ideal channel, transmit power, and client connection parameters. As necessary, it will also self-heal, responding automatically to switch failures and other errors.




Similar Part No. - MR33

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MR33-10-Z COPAL-MR33-10-Z Datasheet
766Kb / 2P
Miniature Rotary Switches
MR33-10G-Z COPAL-MR33-10G-Z Datasheet
766Kb / 2P
Miniature Rotary Switches
MR33-2-Z COPAL-MR33-2-Z Datasheet
766Kb / 2P
Miniature Rotary Switches
MR33-2G-Z COPAL-MR33-2G-Z Datasheet
766Kb / 2P
Miniature Rotary Switches
MR33-3-Z COPAL-MR33-3-Z Datasheet
766Kb / 2P
Miniature Rotary Switches
More results


Similar Description - MR33

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
Integrated Bluetooth Radio
logo
Cypress Semiconductor
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
logo
Analog Devices
AD9363 AD-AD9363 Datasheet
523Kb / 32P
Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
REV. D
logo
TP-Link Technologies Co...
AC1350 TP-LINK-AC1350 Datasheet
1Mb / 7P
Dual Band | MU-MIMO
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-18A COMPEX-WLE650V5-18A Datasheet
871Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
WLE650V5-25A COMPEX-WLE650V5-25A Datasheet
1,009Kb / 4P
5GHz 2x2 MU-MIMO 802.11ac Mini PCIe WiFi Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com