Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1618210 Datasheet (PDF) - PHOENIX CONTACT

1618210 Datasheet PDF - PHOENIX CONTACT
Part # 1618210
Download  1618210 Download
File Size   626.81 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7ES1N8A8LB3S - Cable connector

1618210 Datasheet (PDF)

Go To PDF Page Download Datasheet
1618210 Datasheet PDF - PHOENIX CONTACT

Part # 1618210
Download  1618210 Click to download

File Size   626.81 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7ES1N8A8LB3S - Cable connector

1618210 Datasheet (HTML) - PHOENIX CONTACT


1618210 Product details

Cable connector, SPEEDCON, M23, number of positions: 4+3+PE, contact connection type:
Socket, shielded: yes, degree of protection: IP67, cable diameter range: 9 mm ... 12 mm,
number of positions: 8, connection method: Crimp connection, Alternative product in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1243176

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect cable diameters of 7.5 mm ... 18 mm
• Molded designs with preassembled cables on one or both sides




Similar Part No. - 1618210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618211 PHOENIX-1618211 Datasheet
686Kb / 18P
SF-7ES1N8A8LB4S - Cable connector
1618212 PHOENIX-1618212 Datasheet
626Kb / 17P
SF-7ES1N8A8LDLS - Cable connector
More results


Similar Description - 1618210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605524 PHOENIX-1605524 Datasheet
144Kb / 9P
Cable connector - SF-5ES1N8A80A1
09/11/2020
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605545 PHOENIX-1605545 Datasheet
587Kb / 16P
SF-5ES1N8A8LB2 - Cable connector
1605529 PHOENIX-1605529 Datasheet
572Kb / 15P
SF-5ES1N8A80A3 - Cable connector
1605543 PHOENIX-1605543 Datasheet
587Kb / 16P
SF-5ES1N8A8LB1 - Cable connector
1605553 PHOENIX-1605553 Datasheet
546Kb / 13P
SF-5ES1N8AR4DU - Cable connector
1618201 PHOENIX-1618201 Datasheet
621Kb / 16P
SF-5ES1N8A8LB4S - Cable connector
1618202 PHOENIX-1618202 Datasheet
621Kb / 16P
SF-5ES1N8A8LDLS - Cable connector
1241909 PHOENIX-1241909 Datasheet
466Kb / 11P
SF-5ES1N8A80A3X - Cable connector
1243165 PHOENIX-1243165 Datasheet
514Kb / 12P
SF-5ES1N8A8LB1SX - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com