Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8453LZ Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

FDD8453LZ Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # FDD8453LZ
Download  FDD8453LZ Download
File Size   2178.88 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

FDD8453LZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD8453LZ Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD8453LZ
Download  FDD8453LZ Click to download

File Size   2178.88 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

FDD8453LZ Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


FDD8453LZ Product details

Features
 VDS= 40V, ID= 80A
RDS(ON) < 5 mΩ @ VGS = 10V
RDS(ON) < 10 mΩ @ VGS =4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - FDD8453LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
logo
Inchange Semiconductor ...
FDD8453LZ ISC-FDD8453LZ Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
N-Channel Power Trench짰 MOSFET
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
More results


Similar Description - FDD8453LZ

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com