Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5232B Datasheet (PDF) - Won-Top Electronics

MMBZ5232B Datasheet PDF - Won-Top Electronics
Part # MMBZ5232B
Download  MMBZ5232B Download
File Size   76.39 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT ZENER DIODE

MMBZ5232B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ5232B Datasheet PDF - Won-Top Electronics

Part # MMBZ5232B
Download  MMBZ5232B Click to download

File Size   76.39 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT ZENER DIODE

MMBZ5232B Datasheet (HTML) - Won-Top Electronics


MMBZ5232B Product details

Features
● Planar Die Construction
● 350mW Power Dissipation
● 2.4 – 51V Nominal Zener Voltage
● 5% Standard Vz Tolerance
● Designed for Surface Mount Application
● Plastic Material – UL Recognition Flammability Classification 94V-O




Similar Part No. - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5232B PANJIT-MMBZ5232B Datasheet
132Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMBZ5232B FAIRCHILD-MMBZ5232B Datasheet
204Kb / 6P
Zeners
logo
Shanghai Lunsure Electr...
MMBZ5232B CHENYI-MMBZ5232B Datasheet
21Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
MMBZ5232B DIODES-MMBZ5232B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBZ5232B MCC-MMBZ5232B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
More results


Similar Description - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Shenzhen Ping Sheng Ele...
BZX84C2V4 PFS-BZX84C2V4 Datasheet
225Kb / 5P
350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
350mW Surface Mount Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com