Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1731462 Datasheet (PDF) - PHOENIX CONTACT

1731462 Datasheet PDF - PHOENIX CONTACT
Part # 1731462
Download  1731462 Download
File Size   310.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMKDS 3/ 2-EMG15 - PCB terminal block

1731462 Datasheet (PDF)

Go To PDF Page Download Datasheet
1731462 Datasheet PDF - PHOENIX CONTACT

Part # 1731462
Download  1731462 Click to download

File Size   310.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMKDS 3/ 2-EMG15 - PCB terminal block

1731462 Datasheet (HTML) - PHOENIX CONTACT


1731462 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 630 V, nominal cross section: 2.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
GMKDS 3, pitch: 7.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. Matches EMG 15 component housing

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Larger pitch for increased voltage requirements
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1731462

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173146 FESTO-173146 Datasheet
96Kb / 2P
Air solenoid valve
1731466 FESTO-1731466 Datasheet
75Kb / 1P
Axial kit
1/16/23
logo
PHOENIX CONTACT
1731468 PHOENIX-1731468 Datasheet
145Kb / 8P
PCB terminal block - SPT 2,5/ 1-V-5,0
More results


Similar Description - 1731462

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717020 PHOENIX-1717020 Datasheet
83Kb / 6P
PCB terminal block - GMKDS 1,5/ 2
1717033 PHOENIX-1717033 Datasheet
81Kb / 5P
PCB terminal block - GMKDS 1,5/ 3
1717732 PHOENIX-1717732 Datasheet
81Kb / 5P
PCB terminal block - GMKDS 1,5/ 3-7,62
1731022 PHOENIX-1731022 Datasheet
82Kb / 6P
PCB terminal block - GMKDS 3/ 2
1731035 PHOENIX-1731035 Datasheet
85Kb / 6P
PCB terminal block - GMKDS 3/ 3
1731242 PHOENIX-1731242 Datasheet
109Kb / 6P
PCB terminal block - GMKDS 3/ 2 BK
1731349 PHOENIX-1731349 Datasheet
80Kb / 4P
PCB terminal block - GMKDS 3/ 3-7,62 (13)
1871759 PHOENIX-1871759 Datasheet
81Kb / 5P
PCB terminal block - GMKDS 3/ 2-7,62 BK
1904888 PHOENIX-1904888 Datasheet
83Kb / 4P
PCB terminal block - GMKDS 3/ 3 OG
1931411 PHOENIX-1931411 Datasheet
463Kb / 12P
GMKDS 3/ 7-7,62 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com