Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1915741 Datasheet (PDF) - PHOENIX CONTACT

1915741 Datasheet PDF - PHOENIX CONTACT
Part # 1915741
Download  1915741 Download
File Size   320.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,0/11-LPV-3,5 C1 - PCB connector

1915741 Datasheet (PDF)

Go To PDF Page Download Datasheet
1915741 Datasheet PDF - PHOENIX CONTACT

Part # 1915741
Download  1915741 Click to download

File Size   320.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,0/11-LPV-3,5 C1 - PCB connector

1915741 Datasheet (HTML) - PHOENIX CONTACT


1915741 Product details

PCB connector, nominal cross section: 1 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 200 V, contact surface: Tin, contact connection type: Socket, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: ZEC 1,0/.
.-LPV, pitch: 3.5 mm, mounting: Direct plug-in method, conductor/PCB connection direction: 0 °,
number of solder pins per potential: 2, plug-in system: ZEC, locking: without, mounting: without,
type of packaging: packed in cardboard

Your advantages
• Easy component connection
• Inexpensive direct plug-in connection with just one component




Similar Part No. - 1915741

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1915744 FESTO-1915744 Datasheet
110Kb / 2P
Ball valve actuator unit
11/19/21
1915745 FESTO-1915745 Datasheet
111Kb / 2P
Ball valve actuator unit
11/19/21
1915746 FESTO-1915746 Datasheet
110Kb / 2P
Ball valve actuator unit
11/19/21
1915747 FESTO-1915747 Datasheet
110Kb / 2P
Ball valve actuator unit
11/19/21
1915748 FESTO-1915748 Datasheet
110Kb / 2P
Ball valve actuator unit
11/19/21
More results


Similar Description - 1915741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1915657 PHOENIX-1915657 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 2-LPV-3,5 C1
09/12/2020
1915660 PHOENIX-1915660 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 3-LPV-3,5 C1
09/12/2020
1915673 PHOENIX-1915673 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 4-LPV-3,5 C1
09/12/2020
1915686 PHOENIX-1915686 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 5-LPV-3,5 C1
09/12/2020
1915699 PHOENIX-1915699 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 6-LPV-3,5 C1
09/12/2020
1915709 PHOENIX-1915709 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 7-LPV-3,5 C1
09/12/2020
1915712 PHOENIX-1915712 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 8-LPV-3,5 C1
09/12/2020
1915725 PHOENIX-1915725 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 9-LPV-3,5 C1
09/12/2020
1915738 PHOENIX-1915738 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/10-LPV-3,5 C1
09/12/2020
1915754 PHOENIX-1915754 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/12-LPV-3,5 C1
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com