Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1934007 Datasheet (PDF) - PHOENIX CONTACT

1934007 Datasheet PDF - PHOENIX CONTACT
Part # 1934007
Download  1934007 Download
File Size   330.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA/H1-7,62- 3 - PCB terminal block

1934007 Datasheet (PDF)

Go To PDF Page Download Datasheet
1934007 Datasheet PDF - PHOENIX CONTACT

Part # 1934007
Download  1934007 Click to download

File Size   330.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA/H1-7,62- 3 - PCB terminal block

1934007 Datasheet (HTML) - PHOENIX CONTACT


1934007 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 630 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: FFKDS(A)/H1, pitch: 7.62 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard. Item with securing pin at the end terminal block

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1934007

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19340030270 HARTING-19340030270 Datasheet
488Kb / 2P
Han 3HvE-asg2-QB-M20 housing
19340030420 HARTING-19340030420 Datasheet
466Kb / 2P
Han 3HvE-gg-M20 Hood
19340030421 HARTING-19340030421 Datasheet
508Kb / 2P
Han 3HvE-gg-M25 Hood
19340030520 HARTING-19340030520 Datasheet
469Kb / 2P
Han 3HvE-gs-M20 Hood
19340030730 HARTING-19340030730 Datasheet
484Kb / 2P
Han 3HvE-kg-QB-M20
More results


Similar Description - 1934007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700758 PHOENIX-1700758 Datasheet
100Kb / 5P
PCB terminal block - FFKDSA1/H1-7,62- 2
1790351 PHOENIX-1790351 Datasheet
86Kb / 5P
PCB terminal block - FFKDSA/H1-7,62
1790364 PHOENIX-1790364 Datasheet
84Kb / 5P
PCB terminal block - FFKDSA/V1-7,62
1790937 PHOENIX-1790937 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA/V1-5,08- 3
1928990 PHOENIX-1928990 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62 BK
1929261 PHOENIX-1929261 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA/H1-7,62 BK
1929740 PHOENIX-1929740 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 5
1929753 PHOENIX-1929753 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 6
1929766 PHOENIX-1929766 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 7
1929973 PHOENIX-1929973 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com