Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5511T Datasheet (PDF) - Skyworks Solutions Inc.

SE5511T Datasheet PDF - Skyworks Solutions Inc.
Part # SE5511T
Download  SE5511T Download
File Size   289.94 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Dual Band 802.11n WLAN/BT Front End

SE5511T Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5511T Datasheet PDF - Skyworks Solutions Inc.

Part # SE5511T
Download  SE5511T Click to download

File Size   289.94 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Dual Band 802.11n WLAN/BT Front End

SE5511T Datasheet (HTML) - Skyworks Solutions Inc.


SE5511T Product details

Features
 All RF ports matched to 50 Ω
 Integrated 2.4,5 GHz PA, 5 GHz LNA, SP3T, SP2T switches and filtering
 Integrated Power Detector
 19.5 dBm @ 3 % EVM, 802.11g, 54 Mbps
 18 dBm @ 3 % EVM, 802.11a, 54 Mbps
 Lead free, Halogen Free and RoHS compliant
 Compact package, 3 x 4 x 0.6 mm, MSL 1




Similar Part No. - SE5511T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5510T SKYWORKS-SE5510T Datasheet
298Kb / 13P
Dual Band 802.11n WLAN/BT Front End
September 24, 2012
SE5510T-EK1 SKYWORKS-SE5510T-EK1 Datasheet
298Kb / 13P
Dual Band 802.11n WLAN/BT Front End
September 24, 2012
SE5510T-R SKYWORKS-SE5510T-R Datasheet
298Kb / 13P
Dual Band 802.11n WLAN/BT Front End
September 24, 2012
logo
NXP Semiconductors
SE5512 PHILIPS-SE5512 Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
logo
Skyworks Solutions Inc.
SE5512L SKYWORKS-SE5512L Datasheet
531Kb / 16P
Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
September 25, 2012
More results


Similar Description - SE5511T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
802.11b/g/n BT WLAN Front End Module
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com