Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008644 Datasheet (PDF) - Tyco Electronics

MAAM-008644 Datasheet PDF - Tyco Electronics
Part # MAAM-008644
Download  MAAM-008644 Download
File Size   154.07 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise FTTx Amplifier 50 - 1000 MHz

MAAM-008644 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAM-008644 Datasheet PDF - Tyco Electronics

Part # MAAM-008644
Download  MAAM-008644 Click to download

File Size   154.07 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise FTTx Amplifier 50 - 1000 MHz

MAAM-008644 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAM-008644

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162_15 Datasheet
1Mb / 2P
Cascadable Amplifier
MAAM-008198-0CA162 MA-COM-MAAM-008198-0CA162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-SMA162 MA-COM-MAAM-008198-SMA162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results


Similar Description - MAAM-008644

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007796-000000 MACOM-MAAM-007796-000000 Datasheet
154Kb / 4P
Low Noise FTTx Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
Low Noise FTTx Amplifier 50 - 1000 MHz
logo
Pasternack Enterprises,...
PE1517 PASTERNACK-PE1517 Datasheet
387Kb / 2P
Low Noise Amplifier 50 to 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
Low Noise FTTx Amplifier
MAAM-010239-V1 MA-COM-MAAM-010239-V1 Datasheet
239Kb / 4P
Low Noise FTTx Amplifier
MAAM-010239 MA-COM-MAAM-010239_15 Datasheet
900Kb / 5P
Low Noise FTTx Amplifier
MAAM-007796 MA-COM-MAAM-007796_15 Datasheet
730Kb / 5P
Low Noise FTTx Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com