Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-008171 Datasheet (PDF) - Tyco Electronics

MAAP-008171 Datasheet PDF - Tyco Electronics
Part # MAAP-008171
Download  MAAP-008171 Download
File Size   207.84 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB

MAAP-008171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-008171 Datasheet PDF - Tyco Electronics

Part # MAAP-008171
Download  MAAP-008171 Click to download

File Size   207.84 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB

MAAP-008171 Datasheet (HTML) - Tyco Electronics


MAAP-008171 Product details

Description
M/A-Coms MAAP-008171 is an unmatched high power GaAs pHEMT which exhibits high gain and linearity performance in a lead-free 4mm PQFN 16- Lead surface mount plastic package. This part is tunable over a frequency range from 600 MHz to 4000 MHz making it ideal many linear applications such as CDMA, WCDMA, and WiMax.
This part can achieve 27 dBm /30 dBm Linear Pout when measured for 802.16d (EVM < 2.5%) when operated @ 12V. It also contains a thermallycoupled reference transistor to allow simple current mirror biasing.
The MAAP-008171 is fabricated using a high reliability GaAs PHEMT process to realize low current and high power functionality. The process features full passivation for increased performance and reliability.

Features
• Ideal for WiMax, MESH Network, and Linear Applications
• Small Signal Gain: 11 dB Typical
• EVM: 2.5% at 30 dBm Linear (OFDM) POUT
• Includes thermally-coupled reference FET for use in external biasing circuit
• Lead-Free 4 mm 16 lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAAP-008171

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008015-001SMB MACOM-MAAP-008015-001SMB Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008015-TR3000 MACOM-MAAP-008015-TR3000 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008326-CP2010 MA-COM-MAAP-008326-CP2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
MAAP-008326-CP2010 MA-COM-MAAP-008326-CP2010 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
More results


Similar Description - MAAP-008171

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
logo
Stealth Microwave, Inc.
SM2040-37 STEALTH_MICROWAVE-SM2040-37 Datasheet
140Kb / 3P
2000-4000 MHz 5 Watt Linear Power Amplifier
SM2040-37H STEALTH_MICROWAVE-SM2040-37H Datasheet
91Kb / 3P
2000-4000 MHz 5 Watt Linear Power Amplifier
SM04060-37HS STEALTH_MICROWAVE-SM04060-37HS Datasheet
93Kb / 3P
400-600 MHz 4 Watt Linear Power Amplifier
SM04060-37S STEALTH_MICROWAVE-SM04060-37S Datasheet
93Kb / 3P
400-600 MHz 5 Watt Linear Power Amplifier
SM08790-45LDL STEALTH_MICROWAVE-SM08790-45LDL Datasheet
160Kb / 2P
869-896 MHz 30 Watt Linear Power Amplifier
SM09195-45LD STEALTH_MICROWAVE-SM09195-45LD Datasheet
161Kb / 2P
917-950 MHz 30 Watt Linear Power Amplifier
SM09397-45LD STEALTH_MICROWAVE-SM09397-45LD Datasheet
152Kb / 2P
930-970 MHz 30 Watt Linear Power Amplifier
logo
Pasternack Enterprises,...
PE15A5040 PASTERNACK-PE15A5040 Datasheet
430Kb / 5P
6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
logo
Analog Devices
HMC5805A AD-HMC5805A Datasheet
775Kb / 10P
High P1dB Output Power: 24.5 dBm
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com