Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2060K Datasheet (PDF) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

2060K Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Part # 2060K
Download  2060K Download
File Size   646.88 Kbytes
Page   6 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description N-Channel TrenchPowerMOSFET

2060K Datasheet (PDF)

Go To PDF Page Download Datasheet
2060K Datasheet PDF - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # 2060K
Download  2060K Click to download

File Size   646.88 Kbytes
Page   6 Pages
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
Description N-Channel TrenchPowerMOSFET

2060K Datasheet (HTML) - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.


2060K Product details

General Description
The 2060K.uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This device
is suitable for use as a wide variety of applications. Features
● VDS=20V;ID=60A;
RDS(ON)<6.0mΩ @ VGS=4.5V
RDS(ON)<8.2mΩ @ VGS=2.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
TO-252(DPAK)
Top View SchematicDiagramApplication
● Battery Protection
● Load switch
● Power management




Similar Part No. - 2060K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2060 ETC1-2060 Datasheet
295Kb / 7P
38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
Modular process valve cluster – distributor and collector
06.03.2024
logo
Belden Inc.
2060 BELDEN-2060 Datasheet
387Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
More results


Similar Description - 2060K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF245A FAIRCHILD-BF245A Datasheet
22Kb / 3P
N-Channel Amplifiers
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
N-Channel Switch
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
logo
KEC(Korea Electronics)
KF5N53F KEC-KF5N53F Datasheet
1Mb / 6P
N CHANNEL MOS FIELD N CHANNEL MOS FIELD
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
logo
GOOD-ARK Electronics
SSF7008 GOOD-ARK-SSF7008_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET68V N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com