Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20150DC Datasheet (PDF) - Won-Top Electronics

SB20150DC Datasheet PDF - Won-Top Electronics
Part # SB20150DC
Download  SB20150DC Download
File Size   54.94 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB20150DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20150DC Datasheet PDF - Won-Top Electronics

Part # SB20150DC
Download  SB20150DC Click to download

File Size   54.94 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB20150DC Datasheet (HTML) - Won-Top Electronics


SB20150DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 150A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB20150DC

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB20150DC ZSELEC-SB20150DC Datasheet
147Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB20150DC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
SBG2030CT DIODES-SBG2030CT Datasheet
45Kb / 2P
20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. B-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
SBG2030CT DIODES-SBG2030CT_1 Datasheet
78Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. 5 - 2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com