Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2045DC Datasheet (PDF) - Won-Top Electronics

SB2045DC Datasheet PDF - Won-Top Electronics
Part # SB2045DC
Download  SB2045DC Download
File Size   56.05 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB2045DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB2045DC Datasheet PDF - Won-Top Electronics

Part # SB2045DC
Download  SB2045DC Click to download

File Size   56.05 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB2045DC Datasheet (HTML) - Won-Top Electronics


SB2045DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 150A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB2045DC

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB2045DC ZSELEC-SB2045DC Datasheet
147Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB2045DC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG2030CT DIODES-SBG2030CT Datasheet
45Kb / 2P
20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. B-2
SBG2030CT DIODES-SBG2030CT_1 Datasheet
78Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30091 Rev. 5 - 2
logo
Won-Top Electronics
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
20A Dual Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
SB15T80L ZSELEC-SB15T80L Datasheet
331Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB20T80L ZSELEC-SB20T80L Datasheet
332Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL20T80 ZSELEC-SL20T80 Datasheet
329Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR2045L ZSELEC-SR2045L Datasheet
263Kb / 3P
20A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com