Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20100FCT Datasheet (PDF) - Won-Top Electronics

SB20100FCT Datasheet PDF - Won-Top Electronics
Part # SB20100FCT
Download  SB20100FCT Download
File Size   56.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A DUAL SCHOTTKY BARRIER RECTIFIER

SB20100FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20100FCT Datasheet PDF - Won-Top Electronics

Part # SB20100FCT
Download  SB20100FCT Click to download

File Size   56.31 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20A DUAL SCHOTTKY BARRIER RECTIFIER

SB20100FCT Datasheet (HTML) - Won-Top Electronics


SB20100FCT Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB20100FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB20100FCT PANJIT-SB20100FCT Datasheet
47Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB20100FCT WTE-SB20100FCT Datasheet
40Kb / 3P
20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB20100FCT WTE-SB20100FCT Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB20100FCT PACELEADER-SB20100FCT Datasheet
266Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB20100FCT GULFSEMI-SB20100FCT Datasheet
126Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
More results


Similar Description - SB20100FCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Won-Top Electronics
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
20A Dual Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com