Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB40100DC Datasheet (PDF) - Won-Top Electronics

SB40100DC Datasheet PDF - Won-Top Electronics
Part # SB40100DC
Download  SB40100DC Download
File Size   55.94 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB40100DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB40100DC Datasheet PDF - Won-Top Electronics

Part # SB40100DC
Download  SB40100DC Click to download

File Size   55.94 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB40100DC Datasheet (HTML) - Won-Top Electronics


SB40100DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 250A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB40100DC

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SB40100CT SUNMATE-SB40100CT Datasheet
626Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB40100CT WTE-SB40100CT Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
PACELEADER INDUSTRIAL
SB40100FCT PACELEADER-SB40100FCT Datasheet
234Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB40100FCT WTE-SB40100FCT Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
ASEMI TECHNOLOGY., LTD
SB40100LCT ASEMI-SB40100LCT Datasheet
312Kb / 2P
DUAL LOW VF SCHOTTKY RECTIFIER
More results


Similar Description - SB40100DC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD460CT DIODES-MBRD460CT Datasheet
65Kb / 3P
4A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30351 Rev. 3 - 2
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
40A Schottky Barrier Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com