Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFRIN0436 Datasheet (PDF) - Tyco Electronics

MAFRIN0436 Datasheet PDF - Tyco Electronics
Part # MAFRIN0436
Download  MAFRIN0436 Download
File Size   183.39 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 860 MHz - 894 MHz

MAFRIN0436 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFRIN0436 Datasheet PDF - Tyco Electronics

Part # MAFRIN0436
Download  MAFRIN0436 Click to download

File Size   183.39 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 860 MHz - 894 MHz

MAFRIN0436 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAFRIN0436

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0437 MACOM-MAFRIN0437 Datasheet
196Kb / 3P
Ultra Low Loss Isolator 925 MHz - 960 MHz
More results


Similar Description - MAFRIN0436

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
MAFRIN0437 MACOM-MAFRIN0437 Datasheet
196Kb / 3P
Ultra Low Loss Isolator 925 MHz - 960 MHz
MAFRIN0448 MACOM-MAFRIN0448 Datasheet
150Kb / 3P
Ultra Low Loss Isolator 860 MHz - 960 MHz
logo
M/A-COM Technology Solu...
MAFR-000053-AS1S1R MA-COM-MAFR-000053-AS1S1R Datasheet
93Kb / 2P
Single Junction Robust Lead Isolator 869 MHz-894 MHz
logo
ANADIGICS, Inc
AWB7125 ANADIGICS-AWB7125 Datasheet
593Kb / 9P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7225 ANADIGICS-AWB7225 Datasheet
632Kb / 9P
860 - 894 MHz Small-Cell Power Amplifier Module
Rev 0.1
logo
Semtech Corporation
SX1272 SEMTECH-SX1272 Datasheet
448Kb / 1P
860-1050 MHz Ultra Low Power Long Range Transceiver
logo
Skyworks Solutions Inc.
AWB7125 SKYWORKS-AWB7125 Datasheet
785Kb / 10P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
logo
Molex Electronics Ltd.
735912099 MOLEX-735912099 Datasheet
312Kb / 1P
SMSJ ISOLATOR/859~894 MHZ/CW
2022/03/01
735912100 MOLEX-735912100 Datasheet
312Kb / 1P
SMSJ ISOLATOR/859~894 MHZ/CCW
2022/03/01
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com