Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1-1 Datasheet (PDF) - WJ Communication. Inc.

AH1-1 Datasheet PDF - WJ Communication. Inc.
Part # AH1-1
Download  AH1-1 Download
File Size   231.27 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Amplifier

AH1-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1-1 Datasheet PDF - WJ Communication. Inc.

Part # AH1-1
Download  AH1-1 Click to download

File Size   231.27 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Amplifier

AH1-1 Datasheet (HTML) - WJ Communication. Inc.


AH1-1 Product details

Product Description
The AH1-1 is a high dynamic range amplifier in a low-cost surface-mount package. The combination of low noise figure and high output IP3 at the same bias point makes it ideal for receiver and transmitter applications. The AH1-1 is a specially screened version of the AH1 offering a very narrow gain spread from device to device.
   
Product Features
• 250 – 4000 MHz
• +41 dBm OIP3
• 3 dB Noise Figure
• 13.5 dB Gain
• +21 dBm P1dB
• Lead-free/Green/RoHS-compliant
    SOT-89 Package
• Single +5 V Supply
• MTTF > 100 years
   
Applications
• Mobile Infrastructure
• CATV / DBS
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless
   




Similar Part No. - AH1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH1-1G ETC-AH1-1G Datasheet
204Kb / 5P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH1-1G TRIQUINT-AH1-1G Datasheet
687Kb / 5P
Lead-free/Green/RoHS-compliant SOT-89 Package
AH1-1G TRIQUINT-AH1-1G_15 Datasheet
687Kb / 5P
Lead-free/Green/RoHS-compliant SOT-89 Package
More results


Similar Description - AH1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
High Dynamic Range Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com