Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-008611 Datasheet (PDF) - Tyco Electronics

MAMX-008611 Datasheet PDF - Tyco Electronics
Part # MAMX-008611
Download  MAMX-008611 Download
File Size   125.22 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz

MAMX-008611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMX-008611 Datasheet PDF - Tyco Electronics

Part # MAMX-008611
Download  MAMX-008611 Click to download

File Size   125.22 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz

MAMX-008611 Datasheet (HTML) - Tyco Electronics


MAMX-008611 Product details

Description
The MAMX-008611 is a floating FET mixer with an on-chip LO amplifier. The LO drive for the MAMX-008611 can range from –5 to +5 dBm without severely impacting the mixer’s performance. The MAMX-008611 is ideally suited for cellular band communications handsets’ that can provide only minimal amounts of LO drive. Typical applications include frequency up/down conversion and IQ modulation and demodulation in digital receivers and transmitters.

Features
• -5 to +5 dBm LO Drive Level
• High Isolation, 28 dB LO to RF
• Lead Free SOT-26 package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• RoHS Compliant Version of MD57-0001




Similar Part No. - MAMX-008611

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
MAMX-008611 MA-COM-MAMX-008611_15 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
More results


Similar Description - MAMX-008611

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0007 MACOM-MD54-0007 Datasheet
141Kb / 3P
Low Cost MMIC Mixer, 2.1 - 2.7 GHz
MD57-0001 MACOM-MD57-0001 Datasheet
70Kb / 4P
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
logo
NEC
UPC1654 NEC-UPC1654 Datasheet
45Kb / 3P
1.0 GHz SILICON MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
M/A-COM Technology Solu...
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz
MD54-0007 MA-COM-MD54-0007 Datasheet
81Kb / 2P
Low Cost MMIC Mixer 2.1 - 2.7 GHz
MD57-0001 MA-COM-MD57-0001 Datasheet
106Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 - 1.0 GHz
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
M/A-COM Technology Solu...
MAMX-008611 MA-COM-MAMX-008611 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
MAMX-008611 MA-COM-MAMX-008611_15 Datasheet
111Kb / 3P
Low Cost MMIC Mixer with Local Oscillator Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com