Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA790X Datasheet (PDF) - Texas Instruments

INA790X Datasheet PDF - Texas Instruments
Part # INA790X
Download  INA790X Download
File Size   1096.65 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology

INA790X Datasheet (PDF)

Go To PDF Page Download Datasheet
INA790X Datasheet PDF - Texas Instruments

Part # INA790X
Download  INA790X Click to download

File Size   1096.65 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology

INA790X Datasheet (HTML) - Texas Instruments


INA790X Product details

1 Features
• Precision solution with integrated shunt resistor
– ±75A continuous current at 25°C
– ±50A continuous current from –40°C to +125°C
– Shunt resistor: 400μΩ
– Shunt inductance: 2nH
• Wide common-mode voltage range: –4V to +110V
• Enhanced PWM rejection optimized for systems
subject to switching common-mode voltages
– Supports switching frequencies up to 125kHz
• Excellent CMRR
– 160dB DC CMRR
– 104dB AC CMRR at 100kHz
• High measurement accuracy
– System Gain error (maximum)
• Version A: ±0.35%, ±35ppm/°C drift
• Version B: ±1%, ±75ppm/°C drift
– Offset current (maximum)
• Version A: ±30mA, ±625μA/°C drift
• Version B: ±375mA, ±1.25mA/°C drift
• Adjustable gain with external resistor divider
network:
– 20mV/A to 400mV/A
• Open-drain temperature alert at TJ of 160°C
• Package options: VQFN-15

2 Applications
• Motor drives
• Solenoids and actuators
• Injection molding machine
• Cordless power tools
• Medical cordless tools
• Drone propeller speed control

3 Description
The INA790x is a voltage output, current sense
amplifier with an integrated shunt resistor of 400μΩ.
The INA790x is designed to monitor bidirectional
current over a common-mode range of –4V to 110V,
independent of the supply voltage. Adjustable gain
option assists in optimizing the system dynamic
range. The integration of the Kelvin connected shunt
resistor with a zero-drift chopped amplifier provides
calibration equivalent measurement accuracy, ultralow
temperature drift performance of 35ppm/°C, and
an optimized layout for the sensing resistor.
The INA790x is designed with enhanced PWM
rejection circuitry to suppress large (dv/dt) commonmode
signals and enable real-time continuous
current measurements in switching systems. The
measurements are critical for inline current
measurements in a motor-drive application, and for
solenoid valve control applications.
This device operates from a single 2.7V to 5.5V power
supply, drawing a maximum of 3.75mA of supply
current. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are available in a 15-pin VQFN package.




Similar Part No. - INA790X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA790X TI1-INA790X Datasheet
2Mb / 36P
INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology
DECEMBER 2024
INA790X TI2-INA790X Datasheet
2Mb / 39P
INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology
REVISED JULY 2025
More results


Similar Description - INA790X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com