Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA791B Datasheet (PDF) - Texas Instruments

INA791B Datasheet PDF - Texas Instruments
Part # INA791B
Download  INA791B Download
File Size   1318.04 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA791x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt™ Technology

INA791B Datasheet (PDF)

Go To PDF Page Download Datasheet
INA791B Datasheet PDF - Texas Instruments

Part # INA791B
Download  INA791B Click to download

File Size   1318.04 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA791x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt™ Technology

INA791B Datasheet (HTML) - Texas Instruments


INA791B Product details

1 Features
• Precision solution with integrated shunt resistor
– ±75A continuous current at 25°C
– ±50A continuous current from –40°C to +125°C
– Shunt resistor: 400μΩ
– Shunt inductance: 2nH
• Wide common-mode voltage range: –4V to +110V
• High small signal bandwidth : 1MHz
• Excellent CMRR
– 160dB DC CMRR
– 104dB AC CMRR at 100kHz
• High measurement accuracy
– System Gain error (maximum)
• Version A: ±0.35%, ±35ppm/°C drift
• Version B: ±1%, ±75ppm/°C drift
– Offset current (maximum)
• Version A: ±30mA, ±625μA/°C drift
• Version B: ±375mA, ±1.25mA/°C drift
• Adjustable gain with external resistor divider
network:
– 20mV/A to 400mV/A
• Open-drain temperature alert at TJ of 160°C
• Package options: VQFN-15

2 Applications
• 48V DC/DC Converter
• 48V battery management systems (BMS)
• Test & Measurement
• Macro remote radio unit (RRU)
• 48V rack server
• 48V merchant network & server power supply
(PSU)

3 Description
The INA791x is a voltage output, current sense
amplifier with an integrated shunt resistor of 400μΩ.
The INA791x is designed to monitor bidirectional
current over a common-mode range of –4V to 110V,
independent of the supply voltage. Adjustable gain
option assists in optimizing the system dynamic
range. The integration of the Kelvin connected shunt
resistor with a zero-drift chopped amplifier provides
calibration equivalent measurement accuracy, ultralow
temperature drift performance of 35ppm/°C, and
an optimized layout for the sensing resistor.
This device operates from a single 2.7V to 5.5V power
supply, drawing a maximum of 3.75mA of supply
current. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are available in a 15-pin VQFN package.




Similar Part No. - INA791B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA791B TI2-INA791B Datasheet
2Mb / 40P
INA791x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt™ Technology
REVISED JULY 2025
INA791B-Q1 TI2-INA791B-Q1 Datasheet
2Mb / 32P
INA791x-Q1 AEC-Q100, –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt Technology
JANUARY 2026
INA791BQWDEKRQ1 TI2-INA791BQWDEKRQ1 Datasheet
2Mb / 32P
INA791x-Q1 AEC-Q100, –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt Technology
JANUARY 2026
More results


Similar Description - INA791B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com