Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2535L Datasheet (PDF) - Won-Top Electronics

SD2535L Datasheet PDF - Won-Top Electronics
Part # SD2535L
Download  SD2535L Download
File Size   52.77 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A SCHOTTKY BARRIER DIODE

SD2535L Datasheet (PDF)

Go To PDF Page Download Datasheet
SD2535L Datasheet PDF - Won-Top Electronics

Part # SD2535L
Download  SD2535L Click to download

File Size   52.77 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A SCHOTTKY BARRIER DIODE

SD2535L Datasheet (HTML) - Won-Top Electronics


SD2535L Product details

Schottky Barrier Chip
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 400A Peak
Low Power Loss, High Efficiency
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SD2535L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
SD253N04S15MBV IRF-SD253N04S15MBV Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
SD253N04S15MSV IRF-SD253N04S15MSV Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
SD253N04S15MV IRF-SD253N04S15MV Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
SD253N04S15PBV IRF-SD253N04S15PBV Datasheet
139Kb / 7P
FAST RECOVERY DIODES Stud Version
More results


Similar Description - SD2535L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB2520CT WTE-SB2520CT Datasheet
39Kb / 3P
25A SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
25A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT_06 Datasheet
50Kb / 4P
25A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
UnitedSiC.
UJ3D1725K2 UNITEDSIC-UJ3D1725K2 Datasheet
329Kb / 6P
25A - 1700V SiC Schottky Diode
Rev. A, September 2020
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
25A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com