Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7343TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7343TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7343TR
Download  IRF7343TR Download
File Size   370.12 Kbytes
Page   10 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N P Channel MOSFET

IRF7343TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7343TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7343TR
Download  IRF7343TR Click to download

File Size   370.12 Kbytes
Page   10 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N P Channel MOSFET

IRF7343TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7343TR Product details

Features.
NCh
Vos ESsV.
Rosion < 50m Ω (Ves = 10V)
Roson) < 65m Ω (Vos = 45V)

P-Ch:
Vds(v)=55V
Rosow <90mΩ (Vos = 10V)
Roson) <100mΩ (Vos = 45V)
Generation V Technology
Ultra Low On-Resistance
Surface Mount
Fully Avalanche Rated
LeadFree




Similar Part No. - IRF7343TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7343TR IRF-IRF7343TR Datasheet
189Kb / 10P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Similar Description - IRF7343TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
30V Dual P N-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
Dual N and P Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
250V Dual N & P-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7309TR UMW-IRF7309TR Datasheet
2Mb / 11P
Dual N P Channel MOSFET
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
Dual N P Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com