Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1874108 Datasheet (PDF) - PHOENIX CONTACT

1874108 Datasheet PDF - PHOENIX CONTACT
Part # 1874108
Download  1874108 Download
File Size   528.58 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/ 4-G1-3,5 P26THR - PCB header

1874108 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874108 Datasheet PDF - PHOENIX CONTACT

Part # 1874108
Download  1874108 Click to download

File Size   528.58 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/ 4-G1-3,5 P26THR - PCB header

1874108 Datasheet (HTML) - PHOENIX CONTACT


1874108 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 8, number
of rows: 2, number of positions: 4, number of connections: 8, product range: DMCV 1,5/..-G1-
THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm,
number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Small component size for applications where space is at a premium




Similar Part No. - 1874108

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1874109 PHOENIX-1874109 Datasheet
157Kb / 5P
MSTB 2,5/ 2-GF-5,08
1874109 PHOENIX-1874109 Datasheet
157Kb / 6P
MSTBV 2,5/ 2-GF-5,08
1874109 PHOENIX-1874109 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
1874109 PHOENIX-1874109 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1874109 PHOENIX-1874109 Datasheet
147Kb / 6P
IC 2,5/ 2-STGF-5,08
More results


Similar Description - 1874108

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787221 PHOENIX-1787221 Datasheet
101Kb / 4P
DMCV 1,5/ 4-G1-3,5 P20THR
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1053841 PHOENIX-1053841 Datasheet
357Kb / 10P
DMCV 1,5/ 5-G1-3,5 P35 - PCB header
1053862 PHOENIX-1053862 Datasheet
348Kb / 10P
DMCV 1,5/20-G1-3,5 P35 - PCB header
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535198 PHOENIX-1535198 Datasheet
309Kb / 8P
DMC 1,5/14-G1-3,5-LR P26THR - PCB header
1535211 PHOENIX-1535211 Datasheet
309Kb / 8P
DMC 1,5/ 4-G1-3,5-LR P26THR - PCB header
1873950 PHOENIX-1873950 Datasheet
551Kb / 11P
DMC 1,5/ 4-G1-3,5 P26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com