Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1910908 Datasheet (PDF) - PHOENIX CONTACT

1910908 Datasheet PDF - PHOENIX CONTACT
Part # 1910908
Download  1910908 Download
File Size   281.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/10-STF - PCB connector

1910908 Datasheet (PDF)

Go To PDF Page Download Datasheet
1910908 Datasheet PDF - PHOENIX CONTACT

Part # 1910908
Download  1910908 Click to download

File Size   281.42 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/10-STF - PCB connector

1910908 Datasheet (HTML) - PHOENIX CONTACT


1910908 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: FKIC
2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1910908

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19109 BELDEN-19109 Datasheet
148Kb / 2P
Portable Cordage, 3 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type S
05-05-2023
19109-010250 BELDEN-19109-010250 Datasheet
148Kb / 2P
Portable Cordage, 3 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type S
05-05-2023
logo
PHOENIX CONTACT
1910911 PHOENIX-1910911 Datasheet
93Kb / 5P
Printed-circuit board connector - FKIC 2,5/11-STF
1910924 PHOENIX-1910924 Datasheet
280Kb / 8P
FKIC 2,5/12-STF - PCB connector
1910937 PHOENIX-1910937 Datasheet
90Kb / 5P
Printed-circuit board connector - FKIC 2,5/13-STF
More results


Similar Description - 1910908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910827 PHOENIX-1910827 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 2-STF
1910843 PHOENIX-1910843 Datasheet
99Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 4-STF
1910856 PHOENIX-1910856 Datasheet
93Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 5-STF
1910885 PHOENIX-1910885 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 8-STF
1910898 PHOENIX-1910898 Datasheet
91Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 9-STF
1910940 PHOENIX-1910940 Datasheet
93Kb / 5P
Printed-circuit board connector - FKIC 2,5/14-STF
1873566 PHOENIX-1873566 Datasheet
136Kb / 5P
FKIC 2,5/ 8-STF-5,08
1873582 PHOENIX-1873582 Datasheet
127Kb / 8P
Printed-circuit board connector - FKIC 2,5/10-STF-5,08
09/12/2020
1942675 PHOENIX-1942675 Datasheet
803Kb / 21P
PCB connector - FKIC 2,5 HC/10-ST-5,08
Jan 5, 2023
1733042 PHOENIX-1733042 Datasheet
679Kb / 19P
FKCN 2,5/10-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com