Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE960R275 Datasheet (PDF) - NEC

NE960R275 Datasheet PDF - NEC
Part # NE960R275
Download  NE960R275 Download
File Size   29.43 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 0.2W X, Ku-BAND POWER GaAs MESFET

NE960R275 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE960R275 Datasheet PDF - NEC

Part # NE960R275
Download  NE960R275 Click to download

File Size   29.43 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 0.2W X, Ku-BAND POWER GaAs MESFET

NE960R275 Datasheet (HTML) - NEC




Similar Part No. - NE960R275

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R275 NEC-NE960R275 Datasheet
62Kb / 12P
0.2 W X, Ku-BAND POWER GaAs MES FET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE960R275 RENESAS-NE960R275 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
More results


Similar Description - NE960R275

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
8W X, Ku-BAND POWER GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NE710 NEC-NE710 Datasheet
279Kb / 7P
LOW NOISE Ku-K BAND GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
LOW NOISE KU-BAND GAAS MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
LOW NOISE KU-K BAND GAAS MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
Ku-BAND MEDIUM POWER GaAs MESFET
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
4W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com