Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE4210S01 Datasheet (PDF) - California Eastern Labs

NE4210S01 Datasheet PDF - California Eastern Labs
Part # NE4210S01
Download  NE4210S01 Download
File Size   252.15 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description SUPER LOW NOISE HJ FET

NE4210S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE4210S01 Datasheet PDF - California Eastern Labs

Part # NE4210S01
Download  NE4210S01 Click to download

File Size   252.15 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description SUPER LOW NOISE HJ FET

NE4210S01 Datasheet (HTML) - California Eastern Labs


NE4210S01 Product details

DESCRIPTION
NECS NE4210S01 is a pseudomorphic Hetero-Junction FET that uses the junction between Si-doped AIGaAs and undoped InGaAs to create very high mobility electrons. The device features mushroom shaped TiAl gates for decreased gate resistance and improved power handling. Its excellent low noise figure and high associated gain make it suitable for DBS and commercial systems. The NE4210S01 is housed in a low cost plastic package which is available in tape and reel.

FEATURES
• SUPER LOW NOISE FIGURE: 0.50 dB TYP at f = 12 GHz
• HIGH ASSOCIATED GAIN: 13.0 dB TYP at f = 12 GHz
• GATE LENGTH: LG ≤ 0.20 µm
• GATE WIDTH: WG = 160 µm




Similar Part No. - NE4210S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210S01 RENESAS-NE4210S01 Datasheet
199Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE4210S01-T1 NEC-NE4210S01-T1 Datasheet
65Kb / 16P
X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210S01-T1 RENESAS-NE4210S01-T1 Datasheet
199Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE4210S01-T1B NEC-NE4210S01-T1B Datasheet
65Kb / 16P
X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Similar Description - NE4210S01

ManufacturerPart #DatasheetDescription
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
SUPER LOW NOISE HJ FET
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
C BAND SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
SUPER LOW NOISE HJ FET
NE434S01 CEL-NE434S01 Datasheet
42Kb / 5P
C BAND SUPER LOW NOISE HJ FET
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com