Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS10150 Datasheet (PDF) - Won-Top Electronics

TMS10150 Datasheet PDF - Won-Top Electronics
Part # TMS10150
Download  TMS10150 Download
File Size   99.9 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER

TMS10150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS10150 Datasheet PDF - Won-Top Electronics

Part # TMS10150
Download  TMS10150 Click to download

File Size   99.9 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A HIGH VOLTAGE SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER

TMS10150 Datasheet (HTML) - Won-Top Electronics


TMS10150 Product details

Trench MOS Schottky Technology
Low Profile Flatpack 1.1mm Case Height
Extremely Fast Switching
Low Forward Voltage Drop
Low Conduction Losses
Designed for Surface Mount Application
Plastic Material – UL Flammability 94V-0




Similar Part No. - TMS10150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
TMS10100 WTE-TMS10100 Datasheet
99Kb / 4P
10A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER
April, 2014
TMS10100-T3 WTE-TMS10100-T3 Datasheet
99Kb / 4P
10A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER
April, 2014
More results


Similar Description - TMS10150

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C1045C CITC-C1045C Datasheet
458Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CD10L100S CITC-CD10L100S Datasheet
476Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10H100S CITC-CP10H100S Datasheet
473Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L45S CITC-CP10L45S Datasheet
466Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L100S CITC-CP10L100S Datasheet
468Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S45SG CITC-CP10S45SG Datasheet
101Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S100S CITC-CP10S100S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S120S CITC-CP10S120S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10U45SG CITC-CP10U45SG Datasheet
99Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP1045S CITC-CP1045S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com