Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS1550L Datasheet (PDF) - Won-Top Electronics

TMS1550L Datasheet PDF - Won-Top Electronics
Part # TMS1550L
Download  TMS1550L Download
File Size   56.09 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 15A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER

TMS1550L Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS1550L Datasheet PDF - Won-Top Electronics

Part # TMS1550L
Download  TMS1550L Click to download

File Size   56.09 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 15A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER

TMS1550L Datasheet (HTML) - Won-Top Electronics


TMS1550L Product details

Trench MOS Schottky Technology
Low Profile Flatpack 1.1mm Case Height
Extremely Fast Switching
Low Forward Voltage Drop
Low Conduction Losses
Designed for Surface Mount Application
Plastic Material – UL Flammability 94V-0




Similar Part No. - TMS1550L

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
microwave motion sensor
logo
Texas Instruments
TMS1000 TI-TMS1000 Datasheet
1Mb / 17P
MOS/LSIONE-CHIP MICROCOMPUTERS
TMS1000NC TI-TMS1000NC Datasheet
1Mb / 17P
MOS/LSIONE-CHIP MICROCOMPUTERS
logo
Won-Top Electronics
TMS10100 WTE-TMS10100 Datasheet
99Kb / 4P
10A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER
April, 2014
TMS10100-T3 WTE-TMS10100-T3 Datasheet
99Kb / 4P
10A SURFACE MOUNT TRENCH MOS SCHOTTKY RECTIFIER
April, 2014
More results


Similar Description - TMS1550L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
18-Oct-10
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
31-Jul-13
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-Mar-14
logo
Chip Integration Techno...
CP15H45S CITC-CP15H45S Datasheet
78Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L45SG CITC-CP15L45SG Datasheet
578Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L50SG CITC-CP15L50SG Datasheet
760Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L100S CITC-CP15L100S Datasheet
472Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15M50SG CITC-CP15M50SG Datasheet
102Kb / 3P
15A Surface Mount Trench Schottky Rectifier
logo
Vishay Siliconix
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com